Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBF530SL Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SMBF530SL
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF530SL Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SMBF530SL Datasheet HTML 1Page - GOOD-ARK Electronics SMBF530SL Datasheet HTML 2Page - GOOD-ARK Electronics SMBF530SL Datasheet HTML 3Page - GOOD-ARK Electronics SMBF530SL Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBF520SL thru SMBF545SL
Surface Mount Schottky Rectifier
Reverse Voltage 20~45V Forward Current 5A
Package Outline Dimensions
DIM
MIN
MAX
MIN
MAX
A
1.1
1.3
0.043
0.051
B
1.9
2.1
0.075
0.083
C
0.15
0.3
0.006
0.012
D
3.5
3.7
0.138
0.146
E
4.2
4.45
0.165
0.175
HE
5.1
5.5
0.201
0.217
L
0.75
1.2
0.030
0.047
Packing Information
Packing quantities:
Tape & Reel Specification
unit: inch
unit: mm
Soldering footprint
Reel size
Quantity/reel Quantity/inner Box
Quantity/Carton
7"
TBD
TBD
TBD
13"
5K
10K
90K
www.goodark.com
3/4
2016.03-Rev.A


Similar Part No. - SMBF530SL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMBF5333B SUNMATE-SMBF5333B Datasheet
602Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMBF5334B SUNMATE-SMBF5334B Datasheet
602Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMBF5335B SUNMATE-SMBF5335B Datasheet
602Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMBF5336B SUNMATE-SMBF5336B Datasheet
602Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SMBF5337B SUNMATE-SMBF5337B Datasheet
602Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMBF530SL

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com