Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBF5100S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SMBF5100S
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF5100S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SMBF5100S Datasheet HTML 1Page - GOOD-ARK Electronics SMBF5100S Datasheet HTML 2Page - GOOD-ARK Electronics SMBF5100S Datasheet HTML 3Page - GOOD-ARK Electronics SMBF5100S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBF5100S
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 5A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.2mm
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum instantaneous
forward voltage
IF=5A, TA=25℃
VF
V
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
RθJl
℃/W
RθJl
℃/W
Note1):Mounted on PCB with 7*7mm copper pad,2 OZ,FR4 PCB;
Note2):Mounted on PCB with 30*30mm copper pad,2 OZ,FR4 PCB;
Typical thermal resistance juntion to lead Note1)
TBD
96
Thermal Characteristics
Parameter
Symbol
Unit
Typical thermal resistance juntion to lead Note2)
TBD
SMBF5100S
0.80
Maximum DC reverse current
at rated DC blocking voltage
IR
5
uA
1000
Parameter
Test Conditions
Symbol
Unit
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
5.0
70
100
SMBF5100S
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
120
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
SMBF5100S
100
SMBF
www.goodark.com
1/4
2016.10-Rev.A


Similar Part No. - SMBF5100S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMBF5100SL GOOD-ARK-SMBF5100SL Datasheet
387Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SMBF5100S

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com