Electronic Components Datasheet Search |
|
140RTM Datasheet(PDF) 1 Page - Vishay Siliconix |
|
140RTM Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page 140 RTM www.vishay.com Vishay BCcomponents Revision: 06-Oct-16 1 Document Number: 28322 For technical questions, contact: aluminumcaps1@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Aluminum Electrolytic Capacitors Radial, High Temperature Miniature Fig. 1 FEATURES • Very long useful life: 2500 h to 4000 h at 125 °C • High stability, high reliability • AEC-Q200 qualified • Extended temperature range up to 125 °C • High ripple current capability • Polarized aluminum electrolytic capacitors, non-solid electrolyte • Radial leads, cylindrical aluminum case with pressure relief, insulated with a blue sleeve • Charge and discharge proof • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • EDP, telecommunication, industrial, automotive and military • Smoothing, filtering, buffering in SMPS • High ambient temperature environments MARKING The capacitors are marked (where possible) with the following information: • Rated capacitance value (in μF) • Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for ± 20 %) • Rated voltage (in V) • Date code, in accordance with IEC 60062 • Code indicating factory of origin • Name of manufacturer • Upper category temperature (125 °C) • Negative terminal identification • Series number (140) QUICK REFERENCE DATA DESCRIPTION VALUE Nominal case sizes (Ø D x L in mm) 10 x 12 to 18 x 31 Rated capacitance range, CR 22 μF to 4700 μF Tolerance on CR ± 20 % Rated voltage range, UR 6.3 V to 63 V Category temperature range -55 °C to +125 °C Endurance test at 125 °C 2000 h Useful life at 125 °C 2500 h to 4000 h Useful life at 40 °C, 1.6 x IR applied 300 000 h Shelf life at 0 V, 125 °C 500 h Based on sectional specification IEC 60384-4 / EN 130300 Climatic category IEC 60068 55 / 125 / 56 longer life lower Z 150 RMI 148 RUS 105 °C 140 RTM 125 °C SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm) CR (μF) UR (V) 6.3 1016 25 355063 22 --- --- 10 x 12 47 - - - - - 10 x 12 10 x 12 100 - - - - 10 x 12 10 x 16 10 x 20 220 - - 10 x 12 10 x 16 10 x 16 12.5 x 20 16 x 20 330 - 10 x 12 10 x 16 10 x 20 - 12.5 x 20 16 x 20 470 - 10 x 16 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 - - - - - 16 x 20 - 1000 - 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31 18 x 31 - - - 16 x 20 - - - 1200 10 x 16 - - - - - - 2200 10 x 20 12.5 x 25 16 x 25 16 x 31 18 x 31 - - - 16 x 20 - - - - - 3300 - 16 x 25 16 x 31 18 x 31 - - - 4700 - 16 x 31 18 x 31 - - - - |
Similar Part No. - 140RTM_16 |
|
Similar Description - 140RTM_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |