Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5211 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5211
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5211 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5211 Datasheet HTML 4Page - Intersil Corporation EL5211 Datasheet HTML 5Page - Intersil Corporation EL5211 Datasheet HTML 6Page - Intersil Corporation EL5211 Datasheet HTML 7Page - Intersil Corporation EL5211 Datasheet HTML 8Page - Intersil Corporation EL5211 Datasheet HTML 9Page - Intersil Corporation EL5211 Datasheet HTML 10Page - Intersil Corporation EL5211 Datasheet HTML 11Page - Intersil Corporation EL5211 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7119.4
FIGURE 13. HARMONIC DISTORTION vs VOP-P
FIGURE 14. OPEN LOOP GAIN AND PHASE
FIGURE 15. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 16. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 17. CLOSED LOOP OUTPUT IMPEDANCE
FIGURE 18. MAXIMUM OUTPUT SWING vs FREQUENCY
Typical Performance Curves (Continued)
-80
-40
VOP-P (V)
-90
-30
-60
-50
-70
2
04
6
10
8
VS=±5V
AV=2
RL=1kΩ
FREQ=1MHz
3rd HD
2nd HD
60
1K
FREQUENCY (Hz)
40
20
250
190
130
70
10
-50
10K
100K
1M
10M
100M
80
0
-20
GAIN
PHASE
5
3
FREQUENCY (Hz)
1
-1
-3
-5
100K
1M
100M
1k
10M
150
VS=±5V
AV=1
CLOAD=0pF
560
FREQUENCY (Hz)
25
15
5
-5
-15
-25
100K
1M
100M
10M
1000pF
100pF
47pF
10pF
VS=±5V
AV=1
RL=1kΩ
400
350
FREQUENCY (Hz)
300
250
200
0
10K
100K
100M
1M
10M
150
100
50
2
10
FREQUENCY (kHz)
0
12
6
8
4
100K
10K
1M
100M
10M
VS=±5V
AV=1
RL=1kΩ
DISTORTION <1%


Similar Part No. - EL5211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211 INTERSIL-EL5211 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5211 RENESAS-EL5211 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5211 INTERSIL-EL5211 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results

Similar Description - EL5211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com