Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASH6-C3 Datasheet(PDF) 7 Page - ams AG

Part # FLASH6-C3
Description  ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

FLASH6-C3 Datasheet(HTML) 7 Page - ams AG

  FLASH6-C3 Datasheet HTML 1Page - ams AG FLASH6-C3 Datasheet HTML 2Page - ams AG FLASH6-C3 Datasheet HTML 3Page - ams AG FLASH6-C3 Datasheet HTML 4Page - ams AG FLASH6-C3 Datasheet HTML 5Page - ams AG FLASH6-C3 Datasheet HTML 6Page - ams AG FLASH6-C3 Datasheet HTML 7Page - ams AG FLASH6-C3 Datasheet HTML 8Page - ams AG FLASH6-C3 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet : FLASH6 - C35
Revision B, 07.09.02
Page7of9
FUNCTIONAL BLOCK DIAGRAM
FLASH6
DATA<5:0>
CLK
PD
IBIAS
6
TIMING
LATCH
VIN
VREFP
VDDA
VSSA
VDD
VSS
Rref
E
R
R
O
R
C
O
R
R.
ROM
.
.
.
.
.
.
.
.
.
VREFN
OVL
STR
TIMING DIAGRAM OF FLASH6
Vin
CLK
STROBE
DATA<0:5>
Sample N-2
Sample N-1
Sample N
Sample N
Sample N+1
Sample N+2
Tdap
Tdcs
Tpwlclk
Tpwhclk
Tsuds


Similar Part No. - FLASH6-C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLASH-SHIELD-201118 ETC-FLASH-SHIELD-201118 Datasheet
33Kb / 1P
   FLASH-SHIELD-201118
logo
AAEON Technology
FLASHDISK AAEON-FLASHDISK Datasheet
123Kb / 1P
   100% IDE standard compatible, Compact Flash Specification standard
logo
Microsemi Corporation
FLASHPRO5 MICROSEMI-FLASHPRO5 Datasheet
166Kb / 2P
   FlashPro5 Device Programmer Quickstart Card
July 2014
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
   The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
Fujitsu Component Limit...
FLASH_A FUJITSU-FLASH_A Datasheet
2Mb / 108P
   16-bit Proprietary Microcontroller
More results

Similar Description - FLASH6-C3

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com