Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM809LS3X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM809LS3X
Description  3-Pin UC Supervisor Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM809LS3X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM809LS3X Datasheet HTML 1Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 2Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 3Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 4Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 5Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 6Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 7Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 8Page - Fairchild Semiconductor FM809LS3X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FM809/810 Rev. G
Ordering Information (FM809)
Note 4: Devices listed above feature 250ms typical Reset Pulse width. Consult Fairchild sales for other reset pulse width options.
Note 5: For the SC70 package, the third character of the top marking, identified as “Y” in the above table, identifies wafer lot code.
Part Number
Top Marking
RESET
Threshold (V)
Output Type
Package Type
Packing
Method
FM809LS3X
09L
4.63
Push-Pull, active LOW
3-Pin, SOT23
3000 units in T&R
FM809MS3X
09M
4.38
Push-Pull, active LOW
3-Pin, SOT23
3000 units in T&R
FM809JS3X
09J
4.00
Push-Pull, active LOW
3-Pin, SOT23
3000 units in T&R
FM809TS3X
09T
3.08
Push-Pull, active LOW
3-Pin, SOT23
3000 units in T&R
FM809SS3X
09S
2.93
Push-Pull, active LOW
3-Pin, SOT23
3000 units in T&R
FM809RS3X
09R
2.63
Push-Pull, active LOW
3-Pin, SOT23
3000 units in T&R
FM809LP3X
VLY
4.63
Push-Pull, active LOW
3-Pin, SC70
3000 units in T&R
FM809MP3X
VMY
4.38
Push-Pull, active LOW
3-Pin, SC70
3000 units in T&R
FM809JP3X
VJY
4.00
Push-Pull, active LOW
3-Pin, SC70
3000 units in T&R
FM809TP3X
VTY
3.08
Push-Pull, active LOW
3-Pin, SC70
3000 units in T&R
FM809SP3X
VSY
2.93
Push-Pull, active LOW
3-Pin, SC70
3000 units in T&R
FM809RP3X
VRY
2.63
Push-Pull, active LOW
3-Pin, SC70
3000 units in T&R


Similar Part No. - FM809LS3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results

Similar Description - FM809LS3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com