Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5211IYE-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5211IYE-T7
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5211IYE-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5211IYE-T7 Datasheet HTML 3Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 4Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 5Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 6Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 7Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 8Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 9Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 10Page - Intersil Corporation EL5211IYE-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7119.4
FIGURE 7. OPEN-LOOP GAIN vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. SUPPLY CURRENT PER AMPLIFIER vs SUPPLY
VOLTAGE
FIGURE 10. SUPPLY CURRENT PER AMPLIFIER vs
TEMPERATURE
FIGURE 11. DIFFERENTIAL GAIN
FIGURE 12. DIFFERENTIAL PHASE
Typical Performance Curves (Continued)
70
75
60
65
VS=±5V
RL=1kΩ
TEMPERATURE (°C)
-10
-50
30
70
110
150
75
76
74
78
73
72
77
VS=±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
1.7
2.5
SUPPLY VOLTAGE (V)
1.5
2.9
2.1
2.3
2.7
1.9
TA=25°C
8
4
121620
2.45
2.5
2.4
2.6
2.65
2.55
2.7
VS=±5V
TEMPERATURE (°C)
-10
-50
30
70
110
150
-0.16
-0.04
IRE
-0.18
0
-0.12
-0.06
-0.02
-0.14
0
100
200
-0.08
-0.1
VS=±5V
AV=2
RL=1kΩ
0.2
IRE
0
0.3
0.15
0.25
0
100
200
0.1
0.05


Similar Part No. - EL5211IYE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211IYE-T7 INTERSIL-EL5211IYE-T7 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211IYE-T7 INTERSIL-EL5211IYE-T7 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5211IYE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com