Electronic Components Datasheet Search |
|
FM809JS3X Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
FM809JS3X Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page 3 www.fairchildsemi.com FM809/810 Rev. G Absolute Maximum Ratings Voltage on any terminal relative to GND VCC -0.3V to +6.0V RESET, RESET -0.3V to (VCC + 0.3V) Input Current 20mA Output Current: RESET, RESET 20mA ESD Rating Human Body model 1.5KV Machine model >200KV Rate of Rise of VCC 100V/µs Continuous Power Dissipation (TA = +70°C) SC70-3 174mW Operating Temperature Range -40°C to +85°C Storage Temperature Range -65°C to +150°C Lead Temperature (soldering, 10s) +300°C These are stress ratings only, and functional operation is not implied for these levels or beyond. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Electrical Characteristics SC70 Package (TA = 25°C unless otherwise noted) VCC = full range, as noted under conditions. See Note 1. Note 1: Testing in production is 25°C only. VCC = 5V for FM8xxL/M/J, VCC = 3.3V for FM8xxT/S and VCC = 3V for FM8xxR. Limits over temperature are guaranteed by design. Note 2: RESET output is for FM809. RESET output is for FM810. Note 3: Typical values are at 25°C. Parameter Symbol Conditions Min Typ (Note 3) Max Units Operating Voltage VCC TA = 0°C to +70°C 1.4 5.5 V TA = -40°C to 85°C 1.6 5.5 Supply Current ICC TA = -40°C to 85°C, VCC < 5.5V FM809J/L/M 9 15 µA TA = -40°C to 85°C, VCC < 3.6V FM809R/S/T 6 10 Reset Threshold VTH FM8xxL TA = -40°C to +85°C 4.40 4.63 4.86 V FM8xxM TA = -40°C to +85°C 4.18 4.38 4.52 FM8xxJ TA = -40°C to +85°C 3.90 4.00 4.18 FM8xxT TA = -40°C to +85°C 2.97 3.08 3.19 FM8xxS TA = -40°C to +85°C 2.79 2.93 3.00 FM8xxR TA = -40°C to +85°C 2.49 2.63 2.70 Reset Threshold Tempco 30 ppm/°C VCC to Reset Delay (Note 2) VCC = VTH to (VTH - 100mV) 10 15 µs Reset Active Timout Period TA = -40°C to +85°C 100 256 560 ms FM809 Output Low (RESET)VOL VCC = VTH(min), ISINK = 1.2mA, FM809R/S/T 0.35 V VCC = VTH(min), ISINK = 3.2mA, FM809J/L/M 0.4 VCC = < 1.0V, ISINK = 50µA 0.3 FM809 Output High (RESET)VOH VCC > VTH(max), ISOURCE = 500µA (R/S/T) 0.8VCC V VCC > VTH(max), ISOURCE = 800µA (J/M/L) VCC - 1.5V FM810 Output Low (RESET) VOL VCC = VTH(max), ISINK = 1.2mA, FM810R/S/T 0.35 V VCC = VTH(max), ISINK = 3.2mA, FM810J/L/M 0.4 FM810 Output High (RESET) VOH 1.8V < VCC < VTH(min), ISOURCE = 150µA 0.8VCC V |
Similar Part No. - FM809JS3X |
|
Similar Description - FM809JS3X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |