Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD18892MDPSD302 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LFD18892MDPSD302
Description  LC Diplexers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD18892MDPSD302 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFD18892MDPSD302 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFD18892MDPSD302 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of LFD18892MDPSD302 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=LFD18892MDPSD302
LFD18892MDPSD302
Specifications
Applications
WCDMA
GSM
WLAN
Power Capacity
3W
Operating Temperature Range
-
40
to
85
L x W (size)
1.60x0.80mm
Thickness(max.)
0.7mm
2 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/13


Similar Part No. - LFD18892MDPSD302

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD181G57DP5B910 MURATA-LFD181G57DP5B910 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD181G57DP6B913 MURATA-LFD181G57DP6B913 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD181G57DPFC087 MURATA-LFD181G57DPFC087 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD181G57DPGC092 MURATA-LFD181G57DPGC092 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD182G45DCJD247 MURATA-LFD182G45DCJD247 Datasheet
167Kb / 2P
   LC Diplexers
More results

Similar Description - LFD18892MDPSD302

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD2H829MMQ1D571 MURATA-LFD2H829MMQ1D571 Datasheet
161Kb / 2P
   LC Diplexers
LFD152G45MU5D935 MURATA-LFD152G45MU5D935 Datasheet
162Kb / 2P
   LC Diplexers
LFD212G45MJ7R816 MURATA-LFD212G45MJ7R816 Datasheet
167Kb / 2P
   LC Diplexers
LFD21829MDKDD804 MURATA-LFD21829MDKDD804 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DP3B888 MURATA-LFD182G45DP3B888 Datasheet
268Kb / 3P
   LC Diplexers
LFD182G45MJ6D431 MURATA-LFD182G45MJ6D431 Datasheet
167Kb / 2P
   LC Diplexers
LFD2H796MMQ1D596 MURATA-LFD2H796MMQ1D596 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DCJD247 MURATA-LFD182G45DCJD247 Datasheet
167Kb / 2P
   LC Diplexers
logo
Pasternack Enterprises,...
PE8DP1001 PASTERNACK-PE8DP1001 Datasheet
351Kb / 3P
   RF Diplexers
logo
Taiyo Yuden (U.S.A.), I...
TSD1N18B829MLV0D4T TAIYO-YUDEN-TSD1N18B829MLV0D4T Datasheet
305Kb / 2P
   nullMultilayer Ceramic Devices (Diplexers)
2021.11.26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com