Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCD3408 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRCD3408
Description  The BRCD3408 is a constant frequency, current mode PWM step-down converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRCD3408 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRCD3408 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCD3408 Datasheet HTML 9Page - Foshan Blue Rocket Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BRCD3408
Rev.D Oct.-2015
DATA SHEET
http://www.fsbrec.com
2 / 11
引脚
PIN
名称
NAME

功能
FUNCTION

1
EN/RUN
使能端,驱动电压高于1.5V时打开,低于0.3V是关断,不能悬空。
Chip Enable Pin. Drive RUN above 1.5V to turn on the part. Drive RUN
below 0.3V to turn it off. Do not leave RUN floating
2
GND

接地端
Ground Pin

3
LX/SW
电源开关输出端。该引脚与器件内部P型和N型MOSFET的漏极连接,外部
需要与电感连接。
Power Switch Output. It is the switch node connection to Inductor. This pin
connects to the drains of the internal P-ch and N-ch MOSFET switches
4
VIN
电源输入端。靠近引脚处必须连接去耦电容,该电容可以是4.7µF或更大的
陶瓷电容。
Power Supply Input. Must be closely decoupled to GND with a 4.7µF or
greater ceramic capacitor
5
FB
输出电压反馈输入端。通过一个内部电阻分压器将输出电压与内部参考电
压进行比较。
Output Voltage Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal reference voltage

印章代码 / Marking
见印章说明。 See Marking Instructions.
引脚排列 / Pinning
1
3
2
4
5


Similar Part No. - BRCD3408

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
   Synchronous Buck Converter in a SOT23-6 Plastic Package
More results

Similar Description - BRCD3408

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC4001 FUMAN-SC4001 Datasheet
200Kb / 5P
   PWM step-down constant current controller
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT7295D RICHTEK-RT7295D Datasheet
218Kb / 14P
   The RT7295D is a synchronous step-down converter
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
   The RT8259A is a monolithic step-down switch mode
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com