Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCO7533T Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRCO7533T
Description  Low dropout linear regulator in a SOT-89 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRCO7533T Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRCO7533T Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BRCO7533T Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BRCO7533T
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
3 / 8
电参数曲线图 / Electrical Characteristic Curve
输入电压与输出电压/ The input voltage and output voltage
Line Reg ulat ion
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
5.3
10152030
Input Volatge(V)
注:固定负载电流 IOUT=10mA。
输出电压与负载电流/ The output voltage and load current
Load Regulation
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
110
50
100
150
O utp ut Cu rr en t(m A)
注:固定输入电压 VIN=5.3V。
输出电压与温度/ The output voltage and temperature
注:固定负载电流 IOUT=10mA。


Similar Part No. - BRCO7533T

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRCO7550T FOSHAN-BRCO7550T Datasheet
738Kb / 8P
   Low dropout linear regulator in a SOT-89 Plastic Package
More results

Similar Description - BRCO7533T

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRCO7550T FOSHAN-BRCO7550T Datasheet
738Kb / 8P
   Low dropout linear regulator in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L05T FOSHAN-78L05T Datasheet
691Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L08T FOSHAN-78L08T Datasheet
815Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
79L05T FOSHAN-79L05T Datasheet
693Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L12T FOSHAN-78L12T Datasheet
898Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
   Thyristor in a SOT-89 Plastic Package
MMBTA92T FOSHAN-MMBTA92T Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com