Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1117S Datasheet(PDF) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # LD1117S
Description  voltage Regulator in a SOT-223 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

LD1117S Datasheet(HTML) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  LD1117S Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. LD1117S Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LD1117S
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
7 / 8
印章说明 / Marking Instructions
说明:
BR:
为公司代码
1117S: 为型号代码
33: 
代表 3.3V
****: 
为生产批号代码,随生产批号变化
Note:
BR:
Company Code.
1117S
Product Type.
33:
Deputy 3.3V
****:
Lot No. Code, code change with Lot No.
BR
1117S
33
****


Similar Part No. - LD1117S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117S STMICROELECTRONICS-LD1117S Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117S12 STMICROELECTRONICS-LD1117S12 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117S12C STMICROELECTRONICS-LD1117S12C Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117S12CTR STMICROELECTRONICS-LD1117S12CTR Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117S12CTR STMICROELECTRONICS-LD1117S12CTR Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
More results

Similar Description - LD1117S

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L05T FOSHAN-78L05T Datasheet
691Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L08T FOSHAN-78L08T Datasheet
815Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
79L05T FOSHAN-79L05T Datasheet
693Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L12T FOSHAN-78L12T Datasheet
898Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Foshan Blue Rocket Elec...
TL431M FOSHAN-TL431M Datasheet
866Kb / 7P
   Precision adjustable shunt regulator in a SOT-23 Plastic Package
BR431M FOSHAN-BR431M Datasheet
878Kb / 7P
   Precision adjustable shunt regulator in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com