Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9228 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9228
Description  Serial LVDS 1.8 V A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9228 Datasheet HTML 2Page - Analog Devices AD9228 Datasheet HTML 3Page - Analog Devices AD9228 Datasheet HTML 4Page - Analog Devices AD9228 Datasheet HTML 5Page - Analog Devices AD9228 Datasheet HTML 6Page - Analog Devices AD9228 Datasheet HTML 7Page - Analog Devices AD9228 Datasheet HTML 8Page - Analog Devices AD9228 Datasheet HTML 9Page - Analog Devices AD9228 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Data Sheet
AD9228
Rev. E | Page 5 of 56
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 2.
AD9228-40
AD9228-65
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
70.5
70.2
dB
fIN = 19.7 MHz
Full
68.5
70.2
70.0
dB
fIN = 35 MHz
Full
70.2
68.5
70.0
dB
fIN = 70 MHz
Full
70.0
69.5
dB
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 2.4 MHz
Full
70.3
70.0
dB
fIN = 19.7 MHz
Full
68.0
69.8
70.0
dB
fIN = 35 MHz
Full
69.7
68.0
69.8
dB
fIN = 70 MHz
Full
69.5
69.0
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
11.42
11.37
Bits
fIN = 19.7 MHz
Full
11.1
11.37
11.33
Bits
fIN = 35 MHz
Full
11.37
11.1
11.33
Bits
fIN = 70 MHz
Full
11.33
11.25
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
85
85
dBc
fIN = 19.7 MHz
Full
72
82
85
dBc
fIN = 35 MHz
Full
80
73
84
dBc
fIN = 70 MHz
Full
80
74
dBc
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
−85
−85
dBc
fIN = 19.7 MHz
Full
−82
−72
−85
dBc
fIN = 35 MHz
Full
−80
−84
−73
dBc
fIN = 70 MHz
Full
−80
−74
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
−90
−90
dBc
fIN = 19.7 MHz
Full
−90
−80
−90
dBc
fIN = 35 MHz
Full
−90
−90
−79
dBc
fIN = 70 MHz
Full
−90
−88
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 15 MHz, fIN2 = 16 MHz
25°C
80.8
77.8
dBc
fIN1 = 70 MHz, fIN2 = 71 MHz
25°C
75.0
77.0
dBc
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.


Similar Part No. - AD9228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228-65EB AD-AD9228-65EB Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228-65EB AD-AD9228-65EB Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228-65EB1 AD-AD9228-65EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_17 Datasheet
785Kb / 41P
   Serial, LVDS, 3 V A/D Converter
AD9289 AD-AD9289_17 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9253 AD-AD9253_17 Datasheet
1Mb / 41P
   Serial LVDS 1.8 V Analog-to-Digital Converter
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com