Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9236BCPZ-80 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9236BCPZ-80
Description  12-Bit, 80 MSPS, 3 V A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236BCPZ-80 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9236BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 9Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 10Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 11Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 12Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 13Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 14Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD9236
Data Sheet
Rev. C | Page 10 of 36
EQUIVALENT CIRCUITS
AVDD
VIN+, VIN–
03600-0-003
Figure 5. Equivalent Analog Input Circuit
03600-0-004
AVDD
MODE
20k
Figure 6. Equivalent MODE Input Circuit
D11-D0,
OTR
DRVDD
03600-0-005
Figure 7. Equivalent Digital Output Circuit
03600-0-006
AVDD
CLK,
PDWN
Figure 8. Equivalent Digital Input Circuit


Similar Part No. - AD9236BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236BCPZ-80 AD-AD9236BCPZ-80 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
More results

Similar Description - AD9236BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com