Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9236BCPZRL7-80 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9236BCPZRL7-80
Description  12-Bit, 80 MSPS, 3 V A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9236BCPZRL7-80 Datasheet(HTML) 5 Page - Analog Devices

  AD9236BCPZRL7-80 Datasheet HTML 1Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 2Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 3Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 4Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 5Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 6Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 7Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 8Page - Analog Devices AD9236BCPZRL7-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD9236
Data Sheet
Rev. C | Page 4 of 36
AC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, sample rate = 80 MSPS, 2 V p-p differential input, 1.0 V external reference, AIN = –0.5 dBFS, DCS off,
unless otherwise noted.
Table 2.
Parameter
Temp
Test Level
AD9236BRU/AD9236BCP
Unit
Min
Typ
Max
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
Full
VI
68.6
dB
25°C
V
70.9
dB
fIN = 40 MHz
25°C
V
70.4
dB
fIN = 70 MHz
Full
IV
67.8
dB
25°C
V
70.1
dB
fIN = 100 MHz
25°C
V
69.0
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.4 MHz
Full
VI
68.4
dB
25°C
V
70.8
dB
fIN = 40 MHz
25°C
V
70.2
dB
fIN = 70 MHz
Full
IV
67.4
dB
25°C
V
69.8
dB
fIN = 100 MHz
25°C
V
68.0
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
VI
11.1
Bits
25°C
V
11.5
Bits
fIN = 40 MHz
25°C
V
11.4
Bits
fIN = 70 MHz
Full
IV
10.9
Bits
25°C
V
11.3
Bits
fIN = 100 MHz
25°C
V
11.0
Bits
WORST SECOND OR THIRD
fIN = 2.4 MHz
Full
VI
–75.6
dBc
25°C
V
–91.3
dBc
fIN = 40 MHz
25°C
V
–87.8
dBc
fIN = 70 MHz
Full
VI
–73.2
dBc
25°C
V
–81.4
dBc
fIN = 100 MHz
25°C
V
–76.4
dBc
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
VI
75.6
dBc
25°C
V
91.3
dBc
fIN = 40 MHz
25°C
V
87.8
dBc
fIN = 70 MHz
Full
IV
73.2
dBc
25°C
V
81.4
dBc
fIN = 100 MHz
25°C
V
76.4
dBc


Similar Part No. - AD9236BCPZRL7-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236BCPZRL7-80 AD-AD9236BCPZRL7-80 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
More results

Similar Description - AD9236BCPZRL7-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com