Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9445BSVZ-125 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9445BSVZ-125
Description  14-Bit, 105/125 MSPS, IF Sampling ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9445BSVZ-125 Datasheet(HTML) 4 Page - Analog Devices

  AD9445BSVZ-125 Datasheet HTML 1Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 2Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 3Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 4Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 5Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 6Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 7Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 8Page - Analog Devices AD9445BSVZ-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
AD9445
Rev. 0 | Page 3 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, specified minimum sampling rate, 2.0 V p-p differential input, internal
trimmed reference (1.0 V mode), AIN = −1.0 dBFS, DCS on, unless otherwise noted. RF ENABLE = AGND.
Table 1.
AD9445BSVZ-105
AD9445BSVZ-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−7
+7
−7
+7
mV
25°C
±3
±3
mV
Gain Error
Full
−3
+3
−3
+3
% FSR
25°C
−2
+2
−2
+2
% FSR
Differential Nonlinearity (DNL)1
Full
−0.6
±0.25
+0.65
−0.6
±0.25
+0.65
LSB
5
5
Integral Nonlinearity (INL)1
25°C
±0.65
±0.8
LSB
Full
−1.6
+1.6
−2
+2
LSB
VOLTAGE REFERENCE
Output Voltage VREF = 1.0 V
Full
0.9
1.0
1.1
0.9
1.0
1.1
V
Load Regulation @ 1.0 mA
Full
±2
±2
mV
Reference Input Current (External VREF = 1.6 V)
Full
μA
INPUT REFERRED NOISE
25°C
1.0
1.0
LSB rms
ANALOG INPUT
Input Span
VREF = 1.6 V
Full
3.2
3.2
V p-p
VREF = 1.0 V
Full
2.0
2.0
V p-p
Internal Input Common-Mode Voltage
Full
3.5
3.5
V
External Input Common-Mode Voltage
Full
3.1
3.9
3.1
3.9
V
Input Resistance2
Full
1
1
Input Capacitance2
Full
6
6
pF
POWER SUPPLIES
Supply Voltage
AVDD1
Full
3.14
3.3
3.46
3.14
3.3
3.46
V
AVDD2
Full
4.75
5.0
5.25
4.75
5.0
5.25
V
DRVDD—LVDS Outputs
Full
3.0
3.6
3.0
3.6
V
DRVDD—CMOS Outputs
Full
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Current1
AVDD1
Full
335
364
384
424
mA
AVDD21, 3
Full
169
196
172
199
mA
IDRVDD1—LVDS Outputs
Full
63
78
63
78
mA
IDRVDD1—CMOS Outputs
Full
14
14
mA
PSRR
Offset
Full
1
1
mV/V
Gain
Full
0.2
0.2
%/V
POWER CONSUMPTION
LVDS Outputs
Full
2.2
2.4
2.3
2.6
W
CMOS Outputs (DC Input)
Full
2.0
2.1
W
1 Measured at the maximum clock rate, fIN = 15 MHz, full-scale sine wave, with a 100 Ω differential termination on each pair of output bits for LVDS output mode and
approximately 5 pF loading on each output bit for CMOS output mode.
2 Input capacitance or resistance refers to the effective impedance between one differential input pin and AGND. Refer to Figure 6 for the equivalent analog input structure.
3 For RF ENABLE = AVDD1, IAVDD2 increases by ~30 mA, which increases power dissipation.


Similar Part No. - AD9445BSVZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445BSVZ-125 AD-AD9445BSVZ-125 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
More results

Similar Description - AD9445BSVZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9461 AD-AD9461_17 Datasheet
703Kb / 29P
   16-Bit, 130 MSPS IF Sampling ADC
AD9461 AD-AD9461 Datasheet
820Kb / 28P
   16-Bit, 130 MSPS IF Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com