Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9480 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9480_17 Datasheet HTML 3Page - Analog Devices AD9480_17 Datasheet HTML 4Page - Analog Devices AD9480_17 Datasheet HTML 5Page - Analog Devices AD9480_17 Datasheet HTML 6Page - Analog Devices AD9480_17 Datasheet HTML 7Page - Analog Devices AD9480_17 Datasheet HTML 8Page - Analog Devices AD9480_17 Datasheet HTML 9Page - Analog Devices AD9480_17 Datasheet HTML 10Page - Analog Devices AD9480_17 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD9480
Rev. A | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, differential clock input, DCS enabled, unless otherwise noted.
Table 4.
AD9480-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK
Maximum Conversion Rate
Full
VI
250
MSPS
Minimum Conversion Rate
Full
VI
20
MSPS
Clock Pulse Width High (tEH)
Full
IV
1.2
2
ns
Clock Pulse Width Low (tEL)
Full
IV
1.2
2
ns
OUTPUT PARAMETERS
Valid Time (tV)1
Full
VI
1.9
ns
Propagation Delay (tPD)
Full
VI
2.8
3.8
ns
Rise Time (tR) 20% to 80%
Full
V
0.5
ns
Fall Time (tF) 20% to 80%
Full
V
0.5
ns
DCO Propagation Delay (tCPD)
Full
VI
1.9
2.7
3.7
ns
Data-to-DCO Skew (tPD − tCPD)
Full
IV
0
0.1
0.6
ns
Pipeline Latency
25°C
VI
8
Cycles
APERTURE
Aperture Delay (tA)
25°C
V
1.5
ns
Aperture Uncertainty (Jitter)
25°C
V
0.25
ps rms
1 Valid time is approximately equal to minimum tPD. CLOAD equals 5 pF maximum.
TIMING DIAGRAM
N–1
N
N+1
N+8
N+9
N+10
N+11
tEH
tEL
1/fS
tA
N–8
tPD
8 CYCLES
tV
N–7
N
N+1
N+2
tCPD
CLK+
CLK–
DATA
OUT
DCO–
DCO+
AIN
Figure 2. Timing Diagram


Similar Part No. - AD9480_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
More results

Similar Description - AD9480_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com