Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SM-A801-FREQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SM-A801-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM-A801-FREQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM-A801-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SM-A801-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
ECL
HS-800/810 Series
Description
The HS-800/810 Series of quartz crystal oscillators provide MECL 10K and 10KH series compatible signals
in industry standard four-pin DIP hermetic packages.. Systems designers may now specify space-saving,
cost-effective packaged ECL oscillators to meet their timing requirements.
Features
• Wide frequency range–15.0MHz to 250.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• MECL 10K and 10KH series compatible output
on Pin 8
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
Electrical Connection
HS-800
Pin
Connection
1
N.C.
7
V
CC /Ground
8
Output
14
V
EE -5.2V
HS-810
Pin
Connection
1
N.C.
7
V
EE -5.2V
8
Output
14
V
CC /Ground
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9205A
Rev. K


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HS-1200 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
SC-A1470 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
HS-A1450 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SJ-A870 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
K1400A 5V Crystal Clock Oscillators 1  2  MTRONPTI
SJ-A2870 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
PJ-A2980 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SJ-B2870 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SK-2900 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
PJ-A2D00 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn