Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL12GC-3P2472A71 Datasheet(PDF) 6 Page - SICK AG

Part # WL12GC-3P2472A71
Description  PHOTOELECTRIC SENSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL12GC-3P2472A71 Datasheet(HTML) 6 Page - SICK AG

Back Button WL12GC-3P2472A71 Datasheet HTML 2Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 3Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 4Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 5Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 6Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 7Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 8Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 9Page - SICK AG WL12GC-3P2472A71 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WL12GC-3P2472A71 | W12G
PHOTOELECTRIC SENSORS
Light spot size
4,000
(157.48)
1,000
(39.37)
2,000
(78.74)
500
(19.69)
11.5
(0.45)
33.0
(1.30)
17.5
(0.69)
3,000
(118.11)
43.0
(1.69)
65.0
(2.56)
All dimensions in mm (inch)
Distance
Sensing range diagram
WL12G-3
0
4.0
0
3.0
0
3.5
0
3.5
0
3.0
0
1.8
0.6
8
7
6
5
4
3
2
0
4.0
1
Sensing range max.
0
1.0
(3.28)
2.0
(6.56)
4.0
(13.12)
3.0
(9.84)
Distance in m (feet)
0
①  Reflector PL80A
②  Reflector C110A
③  Reflector P250F
④  Reflector PL50A
⑤  Reflector PL40A
⑥  Reflector PL30A
⑦  Reflector PL20A
⑧  Reflective tape REF-IRF-56
Functions
Lichtdämpfung /
Objekttyp /
Teach-in-Zeit /
Teach-in time
Ext. Teach-in über Lei‐
tung /
Ext. cable teach-in
Anzeige-LED /
LED indicator
PET-Flasche / Folie /
Teach-in-Modus für Ob‐
jekte /
Teach-in mode for objects
I
PET-Flasche / Folie/ glas
1 ... 5 s
30 ... 100 ms
grün / green
II
10 %
Glas /
5 ... 10 s
100 ... 200 ms
blau / blue
18 %
Farbglasflaschen/
Colored glass bottles
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-08 18:00:44
Subject to change without notice


Similar Part No. - WL12GC-3P2472A71

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL12GC-3P2472A70 SICK-WL12GC-3P2472A70 Datasheet
4Mb / 10P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WL12GC-3P2472A71

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com