Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V71623 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V71623
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V71623 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V71623 Datasheet HTML 1Page - Integrated Device Technology IDT72V71623 Datasheet HTML 2Page - Integrated Device Technology IDT72V71623 Datasheet HTML 3Page - Integrated Device Technology IDT72V71623 Datasheet HTML 4Page - Integrated Device Technology IDT72V71623 Datasheet HTML 5Page - Integrated Device Technology IDT72V71623 Datasheet HTML 6Page - Integrated Device Technology IDT72V71623 Datasheet HTML 7Page - Integrated Device Technology IDT72V71623 Datasheet HTML 8Page - Integrated Device Technology IDT72V71623 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
COMMERCIAL TEMPERATURE RANGE
IDT72V71623 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 2,048 x 2,048
PIN CONFIGURATIONS
RX0
RX1
RX3
RX6
TX1
TX4
TX7
RX10
RX12
RX15
TX10
TX11
CLK
ODE
RX2
RX5
TX0
TX3
TX6
RX9
RX13
RX14
TX9
TX12
F0i
FE/HCLK
RESET
RX4
RX7
TX2
TX5
RX8
RX11
TX8
TX13
TX14
TMS
WFPS
TDI
VCC
VCC
VCC
VCC
VCC
VCC
TX15
IC
IC
TD0
TCK
TRST
VCC
IC
IC
IC
DS
CS
R/
W
VCC
IC
IC
IC
A0
A1
A2
VCC
OEI0
OEI1
OEI2
A3
A4
A5
A13
OEI3
OEI4
OEI5
A6
A7
A8
D15
OEI6
IC
OEI7
A9
A10
DTA
D9
D6
D3
D0
OEI13
OEI10
IC
IC
IC
A11
IC
D12
D11
D7
D4
D1
OEI14
OEI11
OEI8
IC
IC
A12
D14
D13
D10
D8
D5
D2
OEI15
OEI12
OEI9
IC
IC
A1 BALL PAD CORNER
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
456
7
8
9
10
11
12
5903 drw02
GND
GND
GND
GND
VCC
GND
GND
GND
GND
VCC
VCC
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
GND
GND
BGA: 1mm pitch, 13mm x 13mm (BC144-1, order code: BC)
TOP VIEW
NOTES:
1. IC - Internal Connection, tie to Ground for normal operation.
2. All I/O pins are 5V tolerant except for TMS, TDI and
TRST.


Similar Part No. - IDT72V71623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
logo
Integrated Device Techn...
IDT72V71643BC IDT-IDT72V71643BC Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643BCG RENESAS-IDT72V71643BCG Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
logo
Integrated Device Techn...
IDT72V71643DA IDT-IDT72V71643DA Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
More results

Similar Description - IDT72V71623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V90823 RENESAS-IDT72V90823 Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
logo
Integrated Device Techn...
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273 Datasheet
319Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
IDT72V73263 IDT-IDT72V73263 Datasheet
418Kb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
IDT72V73273 IDT-IDT72V73273_07 Datasheet
1Mb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com