Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V71623 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V71623
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V71623 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V71623 Datasheet HTML 1Page - Integrated Device Technology IDT72V71623 Datasheet HTML 2Page - Integrated Device Technology IDT72V71623 Datasheet HTML 3Page - Integrated Device Technology IDT72V71623 Datasheet HTML 4Page - Integrated Device Technology IDT72V71623 Datasheet HTML 5Page - Integrated Device Technology IDT72V71623 Datasheet HTML 6Page - Integrated Device Technology IDT72V71623 Datasheet HTML 7Page - Integrated Device Technology IDT72V71623 Datasheet HTML 8Page - Integrated Device Technology IDT72V71623 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2002
Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5903/6
IDT72V71623
3.3 VOLT TIME SLOT INTERCHANGE
DIGITAL SWITCH WITH RATE
MATCHING
2,048 x 2,048
MAY 2002
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The ST-BUS® is a trademark of Mitel Corp.
Output
MUX
Receive
Serial Data
Streams
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
ODE
F0i
Vcc
CS
DS
R/
W A0-A13
GND
DTA
5903 drw01
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
Loopback
Test Port
Data Memory
Internal
Registers
Microprocessor Interface
Timing Unit
TX0
TX1
TX2
TX3
TX4
TX5
TX6
TX7
TX8
TX9
TX10
TX11
TX12
TX13
TX14
TX15
CLK
FE/
HCLK
WFPS
TDI
TMS
TCK
TDO
TRST
RESET
OEI0
OEI1
OEI2
OEI3
OEI4
OEI5
OEI6
OEI7
OEI8
OEI9
OEI10
OEI11
OEI12
OEI13
OEI14
OEI15
Connection
Memory
Transmit
Serial Data
Streams
D0-D15
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
••••• Up to 16 serial input and output streams
••••• Maximum 2,048 x 2,048 channel non-blocking switching
••••• Accepts data streams at 2.048 Mb/s, 4.096 Mb/s, 8.192 Mb/s or
16.384 Mb/s
••••• Rate matching capability: Mux/Demux mode
••••• Output Enable Indication pins provided by dedicated pins
••••• Per-channel Variable Delay mode for low-latency applications
••••• Per-channel Constant Delay mode for frame integrity applica-
tions
••••• Automatic identification of ST-BUS® and GCI serial streams
••••• Automatic frame offset delay measurement
••••• Per-stream frame delay offset programming
••••• Per-channel high-impedance output control
••••• Per-channel Processor mode to allow microprocessor writes to
TX streams
••••• Direct microprocessor access to all internal memories
••••• Memory block programming for quick setup
••••• IEEE-1149.1 (JTAG) Test Port
••••• Internal Loopback for testing
••••• Available in 144-pin Thin Quad Flatpack (TQFP) and
144-pin Ball Grid Array (BGA) packages
••••• Operating Temperature Range -40
°°°°°C to +85°°°°°C
••••• 3.3V I/O with 5V tolerant inputs and TTL compatible outputs
DESCRIPTION:
The IDT72V71623 has a maximum non-blocking switch capacity of
2,048 x 2,048 channels with data rates at 2.048 Mb/s, 4.096 Mb/s, 8.192 Mb/s
or 16.384 Mb/s. With 16 inputs and 16 outputs, a variety of rate combinations
issupportedunderMux/Demuxmode, toallow forswitchingbetweenstreams
of different data rates.


Similar Part No. - IDT72V71623

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
logo
Integrated Device Techn...
IDT72V71643BC IDT-IDT72V71643BC Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643BCG RENESAS-IDT72V71643BCG Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
logo
Integrated Device Techn...
IDT72V71643DA IDT-IDT72V71643DA Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
More results

Similar Description - IDT72V71623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V90823 RENESAS-IDT72V90823 Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
logo
Integrated Device Techn...
IDT72V71643 IDT-IDT72V71643 Datasheet
219Kb / 30P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING
logo
Renesas Technology Corp
IDT72V71643 RENESAS-IDT72V71643 Datasheet
656Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 4,096 x 4,096
JANUARY 2002
IDT72V73263 RENESAS-IDT72V73263 Datasheet
588Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
September 2007
IDT72V73273 RENESAS-IDT72V73273 Datasheet
1Mb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
February 9, 2009
logo
Integrated Device Techn...
IDT72V73273 IDT-IDT72V73273 Datasheet
319Kb / 37P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
IDT72V73263 IDT-IDT72V73263 Datasheet
418Kb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 16,384 X 16,384 CHANNELS
IDT72V73273 IDT-IDT72V73273_07 Datasheet
1Mb / 36P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32,768 X 32,768 CHANNELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com