Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7037 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7037
Description  HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7037 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7037 Datasheet HTML 1Page - Integrated Device Technology IDT7037 Datasheet HTML 2Page - Integrated Device Technology IDT7037 Datasheet HTML 3Page - Integrated Device Technology IDT7037 Datasheet HTML 4Page - Integrated Device Technology IDT7037 Datasheet HTML 5Page - Integrated Device Technology IDT7037 Datasheet HTML 6Page - Integrated Device Technology IDT7037 Datasheet HTML 7Page - Integrated Device Technology IDT7037 Datasheet HTML 8Page - Integrated Device Technology IDT7037 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
©2000 Integrated Device Technology, Inc.
JANUARY 2001
DSC-4838/2
I/O
Control
Address
Decoder
32Kx18
MEMORY
ARRAY
7037
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
WL
A14L
A0L
SEML
INT L
(2)
BUSYL
(1,2)
LBL
CE0L
OEL
UBL
I/O
Control
Address
Decoder
CE0R
OER
R/WR
A14R
A0R
SEMR
INTR
(2)
BUSYR
(1,2)
LBR
R/
WR
OER
UBR
M/S
(1)
CE1L
CE0R
CE1R
4838 drw 01
I/O
CE1R
CE1L
9-17L
I/O
I/O0-8R
I/O9-17R
0-8L
R/
WL
15
15
Functional Block Diagram
x
M/
S = VIH for BUSY output flag on Master,
M/
S = VIL for BUSY input on Slave
x
Interrupt Flag
x
On-chip port arbitration logic
x
Full on-chip hardware support of semaphore signaling
between ports
x
Fully asynchronous operation from either port
x
Separate upper-byte and lower-byte controls for multi-
plexed bus and bus matching compatibility
x
TTL-compatible, single 5V (±10%) power supply
x
Available in a 100-pin TQFP
x
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
x
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
x
High-speed access
– Commercial: 15/20ns (max.)
x
Low-power operation
– IDT7037L
Active: 1W (typ.)
Standby: 1mW (typ.)
x
Dual chip enables allow for depth expansion without
external logic
x
IDT7037 easily expands data bus width to 36 bits or
more using the Master/Slave select when cascading more
than one device
HIGH-SPEED
32K x 18 DUAL-PORT
STATIC RAM
IDT7037L
NOTES:
1.
BUSY is an input as a Slave (M/S = VIL) and an output when it is a Master (M/S = VIH).
2.
BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - IDT7037

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7037L IDT-IDT7037L Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7037

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7037L IDT-IDT7037L_15 Datasheet
686Kb / 17P
   HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_15 Datasheet
659Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
IDT70V37L IDT-IDT70V37L_17 Datasheet
182Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V37 RENESAS-70V37 Datasheet
464Kb / 19P
   HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V37L IDT-IDT70V37L Datasheet
158Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 DUAL- STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7017L IDT-IDT7017L Datasheet
267Kb / 17P
   HIGH-SPEED 32K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com