Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRL3716 Datasheet(PDF) 6 Page - International Rectifier

Part No. IRL3716
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3716 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRL3716 Datasheet HTML 2Page - International Rectifier IRL3716 Datasheet HTML 3Page - International Rectifier IRL3716 Datasheet HTML 4Page - International Rectifier IRL3716 Datasheet HTML 5Page - International Rectifier IRL3716 Datasheet HTML 6Page - International Rectifier IRL3716 Datasheet HTML 7Page - International Rectifier IRL3716 Datasheet HTML 8Page - International Rectifier IRL3716 Datasheet HTML 9Page - International Rectifier IRL3716 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRL3716/3716S/3716L
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
330
660
990
1320
1650
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
29A
51A
72A


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2703S HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFIZ24G HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL3202 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR3802 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn