Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRL3716 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRL3716
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3716 Datasheet(HTML) 1 Page - International Rectifier

  IRL3716 Datasheet HTML 1Page - International Rectifier IRL3716 Datasheet HTML 2Page - International Rectifier IRL3716 Datasheet HTML 3Page - International Rectifier IRL3716 Datasheet HTML 4Page - International Rectifier IRL3716 Datasheet HTML 5Page - International Rectifier IRL3716 Datasheet HTML 6Page - International Rectifier IRL3716 Datasheet HTML 7Page - International Rectifier IRL3716 Datasheet HTML 8Page - International Rectifier IRL3716 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
180
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
130
A
IDM
Pulsed Drain Current

720
PD @TC = 25°C
Maximum Power Dissipation
ƒ
210
W
PD @TC = 100°C
Maximum Power Dissipation
ƒ
100
W
Linear Derating Factor
1.4
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
www.irf.com
1
10/8/04
IRL3716
IRL3716S
IRL3716L
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
20V
Notes
 through ‡ are on page 11
Absolute Maximum Ratings
D2Pak
IRL3716S
TO-220AB
IRL3716
TO-262
IRL3716L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
‡
–––
0.72
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
l Active Oring
4.0m
180A†
PD - 94403A


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2703S HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFIZ24G HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL3202 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR3802 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn