Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRLR3802 Datasheet(PDF) 4 Page - International Rectifier

Part No. IRLR3802
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3802 Datasheet(HTML) 4 Page - International Rectifier

  IRLR3802 Datasheet HTML 1Page - International Rectifier IRLR3802 Datasheet HTML 2Page - International Rectifier IRLR3802 Datasheet HTML 3Page - International Rectifier IRLR3802 Datasheet HTML 4Page - International Rectifier IRLR3802 Datasheet HTML 5Page - International Rectifier IRLR3802 Datasheet HTML 6Page - International Rectifier IRLR3802 Datasheet HTML 7Page - International Rectifier IRLR3802 Datasheet HTML 8Page - International Rectifier IRLR3802 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLR/U3802
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss
= Cgs + Cgd, Cds
SHORTED
Crss
= Cgd
Coss = Cds + Cgd
0
10203040
50
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 12V
ID= 6.0A
0
1
10
100
VDS , Drain-toSource Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2703S HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFIZ24G HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL3202 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3716 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn