Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRLR3802 Datasheet(PDF) 5 Page - International Rectifier

Part No. IRLR3802
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3802 Datasheet(HTML) 5 Page - International Rectifier

  IRLR3802 Datasheet HTML 1Page - International Rectifier IRLR3802 Datasheet HTML 2Page - International Rectifier IRLR3802 Datasheet HTML 3Page - International Rectifier IRLR3802 Datasheet HTML 4Page - International Rectifier IRLR3802 Datasheet HTML 5Page - International Rectifier IRLR3802 Datasheet HTML 6Page - International Rectifier IRLR3802 Datasheet HTML 7Page - International Rectifier IRLR3802 Datasheet HTML 8Page - International Rectifier IRLR3802 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLR/U3802
www.irf.com
5
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100
LIMITED BY PACKAGE
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
f
t
r
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2703S HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFIZ24G HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL3202 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3716 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn