Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-5315-B10-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-5315-B10-01
Description  Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-5315-B10-01 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-5315-B10-01 Datasheet HTML 1Page - AAEON Technology TF-GENE-5315-B10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-29
Note: All specifications are subject to change without notice.
03
Features
Specifications
GENE-5315 Rev. B
Onboard AMD Geode™ LX800 Processor
AMD Geode™ LX + CS5536
DDR 333 MHz SODIMM x 1, Up to 1 GB or
DDR 400 MHz SODIMM x 1, Up to 512 MB
10/100Base-TX Ethernet x 2, RJ-45 x 2
Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
AC97 Codec 2CH Audio
EIDE x 1, Floppy Disk Drive x 1, CompactFlash™ x 1
COM x 5, Parallel x 1, USB2.0 x 4, 8-bit Digital I/O
Mini-PCI x 1
+5V Only Operation
3.5” SubCompact Board with AMD Geode™ LX Series Processor
Optional Accessories
9681531501
Cable Kit for GENE-5315
1700060192
Keyboard & Mouse Cable
1709100201
USB Cable
1701440500
IDE Cable
9657666600
Jumper Cap
Product CD
GENE-5315 Rev. B
Packing List
1702200205
Conversion Cable for ATX Power Supply, Length 20cm
1709140181
Audio Cable, Length 18cm
1709100208
USB Cable, Length 20cm
1701100206
COM Port Cable, 9P DB Male, Length 20cm
1701260201
Parallel Port Cable, Length 20cm
1701340600
Floppy Cable, Length 60cm
USB
Parallel Port
Audio
Power Input
LVDS
TTL LCD
CRT D-sub
PS/2 Keyboard & Mouse Mini-DIN
COM (D-sub)
RJ-45 Ethernet
IrDA
DIO
ATX 5Vsb
System Fan
COM 2
COM 3
COM 5
COM 4
Type 3
Mini-PCI
Slot
44-pin IDE
Floppy Disk Drive
Front Panel
System
Form Factor
3.5" SubCompact Board
CPU
Onboard AMD Geode™ LX 800
CPU Frequency
500 MHz
Chipset
AMD Geode™ LX
Memory Type
DDR333 SODIMM x 1 (DDR400 optional)
Max. Memory Capacity
1 GB
BIOS
Award 1 MB
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+5V
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
LX 800 500 MHz, DDR400 1 GB,
1.17A@+5V
Dimension (L x W)
5.75" x 4" (146mm x 101.6mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C), -4°F ~ 158°F (-20°C ~ 70°C) for WiTAS 1
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
90,000
Certification
CE/FCC
Display
VGA/LCD Controller
AMD Geode™
Video Output
CRT, TTL LCD, LVDS LCD
Backlight inverter supply
Up to 24-bit single channel TTL/LVDS
I/O
Ethernet
10/100Base-TX x 2, Realtek RTL 8139DL
Audio
High Definition Audio Interface
USB Port
USB2.0 x 4
Serial Port
RS-232 x 4 & TTL UART x 1, RS-232/422/485 x 1
Parallel Port
SPP/EPP/ECP x 1
HDD Interface
UDMA33 x 1
FDD Interface
FDD x 1
SSD
CompactFlash™
Expansion Slot
Mini-PCI
DIO
8 bit
SIM
TPM
Touch


Similar Part No. - TF-GENE-5315-B10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-5315-B10-01 AAEON-TF-GENE-5315-B10-01 Datasheet
305Kb / 2P
   3.5??SubCompact Board With AMD Geode LX Series Processor
TF-GENE-5315-B10-01 AAEON-TF-GENE-5315-B10-01 Datasheet
295Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
More results

Similar Description - TF-GENE-5315-B10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-5315-A AAEON-GENE-5315-A Datasheet
294Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-5315-B AAEON-GENE-5315-B Datasheet
295Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-LN05REV.B AAEON-GENE-LN05REV.B Datasheet
289Kb / 2P
   CRT, 18/24-bit Single Channel LVDS LCD
PFM-CVS-B AAEON-PFM-CVS-B Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
PFM-CVS-A AAEON-PFM-CVS-A Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
logo
List of Unclassifed Man...
IB884T ETC2-IB884T Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
logo
Axiomtek Co., Ltd.
SBC84622 AXIOMTEK-SBC84622 Datasheet
215Kb / 1P
   VGA and LVDS/TTL LCD
logo
Advantech Co., Ltd.
EMIO-100TL ADVANTECH-EMIO-100TL Datasheet
558Kb / 1P
   18/24-bit LVDS to 1-Ch RGB TTL Port Module
logo
AAEON Technology
EPIC-BT07 AAEON-EPIC-BT07 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com