Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-PCM-5895-B10-03 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-PCM-5895-B10-03
Description  Compact Board with AMD Geode LX Series Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PCM-5895-B10-03 Datasheet(HTML) 1 Page - AAEON Technology

  TF-PCM-5895-B10-03 Datasheet HTML 1Page - AAEON Technology TF-PCM-5895-B10-03 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01-7
www.aaeon.com
01
Features
Specifications
PCM-5895 Rev. B
9657666000
Jumper Cap
Product CD
PCM-5895 Rev.B
Packing List
Compact Board with AMD Geode™ LX Series Processor
System
Form Factor
5.25”
Processor
Onboard AMD Geode™ LX800 processor 500 MHz
System Memory
184-pin DDR 333/400 MHz DIMM x 1, up to 1 GB, or onboard memory DDR333
256 MB
Chipset
AMD Geode™ LX + CS5536
I/O Chipset
ITE IT8712 + IT8888G
Ethernet
Realtek RTL8100C, 10/100Base-TX, RJ-45 x 2
BIOS
Award 1 MB Flash ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, temperature monitoring
Expansion Interface
PCI x 1, PC/104+ (PC/104 + PCI-104)
Battery
Lithium battery
Power Requirement
+5V/ AT/ ATX
Power Consumption
(Typical)
AMD Geode™ LX800 (500 MHz) DDR400 256 MB
2.33A@+5V
Board Size
8” (L) x 5.75” (W) (203mm x 146mm)
Gross Weight
1.2 lb (0.5 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
80,000
Display
Supports CRT/ LCD simultaneous display
Chipset
AMD Geode™ LX integrated
Memory
Shared system memory up to 254 MB
Resolutions
Up to 1920 x 1440 @ 24bpp for CRT
Up to 1600 x 1200 @ 24bpp for LCD
LCD Interface
Up to 24-bit LVDS, TTL, CRT
I/O
Storage
EIDE x 1 (UDMA 100 for one device), Type 2 CompactFlash™ x 1
Serial Port
RS-232 x 3, RS-232/422/485 x 1
Parallel Port
SPP/ EPP/ ECP mode
USB
USB2.0 x 4
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
IrDA
One IrDA Tx/Rx header
Audio
Mic-in, Line-in, Line-out, CD-in
CAN Bus
Supports two ports
AMD Geode™ LX800 Processor
AMD Geode™ LX + CS5536
DDR 333/400 MHz DIMM x 1, Up to 1 GB or Onboard
DDR 333 Memory 256 MB
10/100Base-TX Ethernet x 2, RJ-45 x 2
Up to 24-bit LVDS/TTL LCD, CRT
AC97 2CH Audio
Type 2 CompactFlash™ x 1, EIDE x 1
USB x 4, COM x 4, 8-bit Digital I/O x 1, Parallel x 1
PCI x 1, PC/104+ (Optional)
+5V Only Operation/ AT/ ATX
CAN Bus x 2 (Optional)
LVDS LCD
LCD Inverter
LAN 2 RJ-45
LAN 1 RJ-45
CRT
Audio
Printer
COM
ATX Power
LAN 2 LED
PCI-104
Front Panel
LAN 1 LED
40-pin IDE
DDR DIMM
PCI
USB 3 & 4
USB 1 & 2
IrDA
CAN 1
CAN 2
PC/104
TTL LCD
Keyboard &
Mouse
Digital I/O


Similar Part No. - TF-PCM-5895-B10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PCM-5895-B10-03 AAEON-TF-PCM-5895-B10-03 Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
More results

Similar Description - TF-PCM-5895-B10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-5895REV.A AAEON-PCM-5895REV.A Datasheet
273Kb / 2P
   Compact Board with AMD Geode LX Series Processor
GENE-5315 AAEON-GENE-5315 Datasheet
305Kb / 2P
   3.5??SubCompact Board With AMD Geode LX Series Processor
GENE-5315-A13 AAEON-GENE-5315-A13 Datasheet
522Kb / 2P
   3.5” SubCompact Board with AMD Geode™ LX Series Processor
2022/09/08
GENE-5315-B13 AAEON-GENE-5315-B13 Datasheet
539Kb / 2P
   3.5” SubCompact Board with AMD Geode™ LX Series Processor
2022/09/08
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
ETX-701 AAEON-ETX-701 Datasheet
249Kb / 2P
   ETX CPU Module with AMD Geode LX Series Processor
PFM-540I-REVB AAEON-PFM-540I-REVB Datasheet
281Kb / 2P
   PC/104 Module with AMD Geode Tm LX Processor
PFM-540I-REVA AAEON-PFM-540I-REVA Datasheet
273Kb / 2P
   PC/104 Module with AMD Geode Tm LX Processor
PFM-540I-A11 AAEON-PFM-540I-A11 Datasheet
425Kb / 2P
   PC/104 Module with AMD Geode™ LX Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com