Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-LN05W1-B10-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-LN05W1-B10-01
Description  CRT, 18/24-bit Single Channel LVDS LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-LN05W1-B10-01 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-LN05W1-B10-01 Datasheet HTML 1Page - AAEON Technology TF-GENE-LN05W1-B10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-23
Note: All specifications are subject to change without notice.
03
Features
Specifications
GENE-LN05 Rev. B
Intel® Atom™ N455/D525 Processor
Intel® ICH8M
DDR3 800 MHz SODIMM, Up to 4 GB For Intel® Atom™ D525
DDR3 800 MHz SODIMM, Up to 2 GB For Intel® Atom™ N455
Gigabit Ethernet x 2, RJ-45 x 2
CRT, 18/24-bit Single Channel LVDS LCD
2CH HD Audio
SATA 3.0 Gb/s x 2 (Optional RAID 0 & 1), CompactFlash™ x 1
USB2.0 x 7, COM x 6, Parallel x 1, 8-bit Digital I/O
Onboard 4/5/8-wire Resistive Touch Screen Controller
Mini-Card x 1
+12V or +5V (Optional)
Onboard Trusted Platform Module (Optional)
3.5” SubCompact Board with Intel® Atom™ N455/ D525 Processor
Packing List
Product CD
GENE-LN05 Rev.B with Active Cooler (D525 Version) or with Passive Heatsink
(N455 Version)
Optional Accessories
1700050207
USB Cable, Length 20cm
1701090150
COM Port Cable, Length 15cm
1709100254
Audio Cable, Length 25cm
1709070500
SATA Cable, Length 50cm
1701260200
Parallel Port Cable, Length 20cm
1702002010
Big Single Row 4-pin Power Input Cable for +12V Input, Length 10cm
1702150155
Power Cable for 2.5” SATA Hard Disk, Length 15cm
170220020B
Conversion Cable ATX Power Supply, Length 20cm
170204010P
Big Single Row 4-pin Power Input Cable for +5V Input, Length 10cm
1700060157
KB/Mouse Cable
System
Form Factor
3.5" SubCompact Board
CPU
Intel® Atom™ D525/N455
CPU Frequency
1.8 GHz
Chipset
Intel® ICH8M
Memory Type
SODIMM DDR3 800
Max. Memory Capacity
4 GB for D525 , 2GB for N455
BIOS
AMI 4MB
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+12V or +5V
Power Supply Type
AT/ATX
Power Consumption
(Typical)
Intel® Atom™ D525, DDR3 800 1 GB ,
1.29A @ +12V
Dimension (L x W)
5.75" x 4" (146mm x 101.6mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
70,000
Certification
CE/FCC
Display
VGA/LCD Controller
Intel® Atom™ D525/N455
Video Output
CRT, LVDS
Backlight inverter supply
Up to 24-bit single channel LVDS
I/O
Ethernet
10/100/1000Base-TX x 2, Intel® 82567V, Intel® 82583V
Audio
High definition audio interface
USB Port
USB2.0 x 7
Serial Port
RS-232 x 5, RS-232/422/485 x 1
Parallel Port
SPP/ECP/EPP x 1
HDD Interface
SATA 2 x 2
FDD Interface
SSD
CompactFlash™
Expansion Slot
Mini-Card x 1
DIO
8 bit
TPM
x1
Touch
x1
USB x 2
LAN
COM
VGA
DIO
LVDS LCD
Parallel Port
Power Input
Mini-Card
SATA
USB x 5
COM x 5
Audio
Keyboard &
Mouse


Similar Part No. - TF-GENE-LN05W1-B10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-LN05W1-B10-01 AAEON-TF-GENE-LN05W1-B10-01 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel R Atom Tm N455/ D525 Processor
TF-GENE-LN05W1-B10-01 AAEON-TF-GENE-LN05W1-B10-01 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel Atom N455/ D525 Processor
TF-GENE-LN05W1-B10-01 AAEON-TF-GENE-LN05W1-B10-01 Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results

Similar Description - TF-GENE-LN05W1-B10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-CVS-B AAEON-PFM-CVS-B Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
PFM-CVS-A AAEON-PFM-CVS-A Datasheet
259Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
GENE-5315REV.B AAEON-GENE-5315REV.B Datasheet
295Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-5315-A AAEON-GENE-5315-A Datasheet
294Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
GENE-5315-B AAEON-GENE-5315-B Datasheet
295Kb / 2P
   Up to 24-bit Single Channel LVDS/ TTL LCD & CRT
logo
List of Unclassifed Man...
IB884T ETC2-IB884T Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
logo
AAEON Technology
EPIC-BT07 AAEON-EPIC-BT07 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
PER-T061 AAEON-PER-T061 Datasheet
182Kb / 1P
   Support 24-bit Dual-channel LVDS
logo
List of Unclassifed Man...
IB970 ETC2-IB970 Datasheet
832Kb / 2P
   24-bit dual channel LVDS (IB970RF / IB970F)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com