Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3046 Datasheet(PDF) 8 Page - International Rectifier

Part # IRU3046
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3046 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU3046 Datasheet HTML 4Page - International Rectifier IRU3046 Datasheet HTML 5Page - International Rectifier IRU3046 Datasheet HTML 6Page - International Rectifier IRU3046 Datasheet HTML 7Page - International Rectifier IRU3046 Datasheet HTML 8Page - International Rectifier IRU3046 Datasheet HTML 9Page - International Rectifier IRU3046 Datasheet HTML 10Page - International Rectifier IRU3046 Datasheet HTML 11Page - International Rectifier IRU3046 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Rev. 1.9
09/27/02
IRU3046
www.irf.com
The RDS(ON) temperature dependency should be consid-
ered for the worst case operation. This is typically given
in the MOSFET data sheet. Ensure that the conduction
losses and switching losses do not exceed the package
ratings or violate the overall thermal budget.
Choose IRF7460 for control MOSFET and IRF7457 for
synchronous MOSFET. These devices provide low on-
resistance in a compact SOIC 8-Pin package.
The MOSFETs have the following data:
The total conduction losses for the master channel is:
The total conduction losses for the slave channel is:
The control MOSFET contributes to the majority of the
switching losses in synchronous Buck converter. The
synchronous MOSFET turns on under zero-voltage con-
dition, therefore the turn on losses for synchronous
MOSFET can be neglected. With a linear approxima-
tion, the total switching loss can be expressed as:
Figure 4 - Switching time waveforms.
From IRF7460 data sheet we obtain:
These values are taken under a certain condition test.
For more detail please refer to the IRF7460 and IRF7457
data sheets.
By using equation (7), we can calculate the switching
losses.
Feedback Compensation
The control scheme for master and slave channels is
based on voltage mode control, but the compensation of
these two feedback loops is slightly different.
The Master channel sets the output voltage and its feed-
back loop should take care of double pole introduced by
the output filter as a regular voltage mode control loop.
The goal is to provide a close loop transfer function with
the highest 0dB crossing frequency and adequate phase
margin. The slave feedback loop acts slightly different
and its goal is using the current information for current
sharing.
The master feedback loop sees the output filter. The out-
put LC filter introduces a double pole, -40dB/decade gain
slope above its corner resonant frequency, and a total
phase lag of 180
8 (see Figure 5). The resonant frequency
of the LC filter expressed as follows:
Figure 5 shows gain and phase of the LC filter. Since we
already have 180
8 phase shift just from the output filter,
the system risks being unstable.
Figure 5 - Gain and phase of LC filter.
PSW(MASTER) = 44.8mW
PSW(SLAVE) = 107.5mW
PCON(MASTER) = 0.85W
PCON(SLAVE) = 0.77W
IRF7460
VDSS = 20V
ID = 10A @ 75
8C
RDS(ON) = 10m
V @
VGS=10V
q = 1.8 for 1508C
(Junction Temperature)
IRF7457
VDSS = 20V
ID = 12A @ 70
8C
RDS(ON) = 7.5m
V @
VGS=10V
q = 1.5 for 1508C
(Junction Temperature)
Where:
VDS(OFF) = Drain to Source Voltage at off time
tr = Rise Time
tf = Fall Time
T = Switching Period
ILOAD = Load Current
PSW =
3
3 ILOAD
---(7)
VDS(OFF)
2
tr + tf
T
FLC(MASTER) =
---(8)
1
2
p
Lo
3Co
IRF7460
tr = 6.9ns
tf = 4.3ns
VDS
VGS
10%
90%
td(ON)
td(OFF)
tr
tf
Gain
FLC
0dB
Phase
0
8
FLC
-180
8
Frequency
Frequency
-40dB/decade


Similar Part No. - IRU3046

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047CW IRF-IRU3047CW Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CF IRF-IRU3048CF Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CS IRF-IRU3048CS Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3046

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com