Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV51216-8T Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61LV51216-8T
Description  512K x 16 HIGH SPEED ASYNCHRONOUS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV51216-8T Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61LV51216-8T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV51216-8T Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
03/10/05
IS61LV51216
ISSI®
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8
-10
-12
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
8
10
12
ns
tSCE
CE to Write End
6.5
8
8
ns
tAW
Address Setup Time
6.5
8
8
ns
to Write End
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWB
LB, UB Valid to End of Write
6.5
8
8
ns
tPWE1
WE Pulse Width
6.5
8
8
ns
tPWE2
WE Pulse Width (OE = LOW)
8.0
10
12
ns
tSD
Data Setup to Write End
5
6
6
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(2)
WE LOW to High-Z Output
3.5
5
6
ns
tLZWE(2)
WE HIGH to Low-Z Output
2
2
2
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to
3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states
to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced
to the rising or falling edge of the signal that terminates the write. Shaded area product in development


Similar Part No. - IS61LV51216-8T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV51216-8T ISSI-IS61LV51216-8T Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV51216-8TI ISSI-IS61LV51216-8TI Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV51216-8TL ISSI-IS61LV51216-8TL Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV51216-8T

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Lyontek Inc.
LY61L51216A LYONTEK-LY61L51216A_13 Datasheet
300Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C38098A-10TIN ALSC-AS7C38098A-10TIN Datasheet
505Kb / 12P
   512K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com