Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70IMX4-0512-8KZG Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 70IMX4-0512-8KZG
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

70IMX4-0512-8KZG Datasheet(HTML) 3 Page - Bel Fuse Inc.

  70IMX4-0512-8KZG Datasheet HTML 1Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 2Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 3Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 4Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 5Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 6Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 7Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 8Page - Bel Fuse Inc. 70IMX4-0512-8KZG Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 3 of 12
MELCHER
The Power Partners.
Functional Description
The IMX4 Series converters are feedback-controlled flyback
converters
using
current
mode
PWM
(Pulse
Width
Modulation). The input is protected against transients by
means of a suppressor diode.
The output voltage is monitored by a separate transformer
winding close to the secondary windings and fed back to the
control circuit.
Current limitation is provided by the primary circuit, thus
limiting the total output current (Io nom for single- and the sum
Io1 nom + Io2 nom for dual-output models).
The
close
magnetic
coupling
provided
by
the
planar
construction ensures very good regulation and allows for
flexible load distribution on dual-output models.
Fig. 2
Block diagram for dual-output models with standard
pinout.
PWM
Vi+
Vi–
Vo+
Vo–
Go
23
22
2
3
14
16
11
03045
PWM
Vi+
Vi–
Vo+
Vo–
Go
1
24
15
10
13
03047
11
Fig. 4
Block diagram for dual-output models with alternative
pinout (option K).
Fig. 3
Block diagram for single-output models with alternative
pinout (option K).
Fig. 1
Block diagram for single-output models with standard
pinout.
PWM
Vi+
Vi–
Vo+
Vo–
22
3
14
16
10
23
2
03044
PWM
Vi+
Vi–
Vo+
Vo–
1
24
13
12
2
03046
n.c.


Similar Part No. - 70IMX4-0512-8KZG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
70IMX4-05-8 BEL-70IMX4-05-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
70IMX4-05-9 POWER-ONE-70IMX4-05-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
Bel Fuse Inc.
70IMX4-0505-8 BEL-70IMX4-0505-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
70IMX4-0505-9 POWER-ONE-70IMX4-0505-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 70IMX4-0512-8KZG

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com