Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF060197WP10338AQ1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TF060197WP10338AQ1
Description  RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF060197WP10338AQ1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TF060197WP10338AQ1 Datasheet HTML 1Page - Vishay Siliconix TF060197WP10338AQ1 Datasheet HTML 2Page - Vishay Siliconix TF060197WP10338AQ1 Datasheet HTML 3Page - Vishay Siliconix TF060197WP10338AQ1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDZ 050170, TDFZ 060..., TDFZ 070265
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
1
Document Number: 22126
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Pot Capacitors
for Coupling Purposes, Class 1 Ceramic Dielectric
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
made from copper / brass, silver plated.
FINISH
Capacitor body completely protective lacquered.
These capacitors feature umbrella-shaped insulation rims
made from resin encapsulation (type TDZ) or silicone
elastomer (type TDFZ) to minimize the adverse effects of
moisture, dust and other impurities in the working
environment and to improve the characteristics of the
electrical field.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo.
ACCESSORIES ADDED
These pot capacitors are supplied with the necessary nuts,
screws and washers to make the connection to both
electrode terminals.
FEATURES
• High voltage and capacitance ratings
• High reliability
APPLICATIONS
Filter, bypass and coupling circuits where high voltages and
capacitance values are required.
CAPACITANCE RANGE
10 nF to 15 nF
CAPACITANCE TOLERANCE
± 20 %
CERAMIC DIELECTRICS
• N3300 (TCC - 3300 ppm/K)
• R230 (TCC - 750 ppm/K)
RATED VOLTAGE
• 15 kVp
• 20 kVp
DIELECTRIC STRENGTH TEST
150 % of rated AC voltage, 50 Hz, 2 minutes
DISSIPATION FACTOR
Max. 0.08 % (10 kHz)
INDUCTANCE
20 nH (typical)
INSULATION RESISTANCE
Min. 10 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
N3300
N3300
R230
Type
TDZ 050170,
TDFZ 060215
TDFZ
060197
TDFZ
070265
Voltage (Vp)
15 000
20 000
20 000
Min. Capacitance (pF)
10 000
10 000
10 000
Max. Capacitance (pF)
15 000
10 000
10 000
Mounting
Screw terminal


Similar Part No. - TF060197WP10338AQ1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N3 FRONTIER-TF060303-0N3 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N4 FRONTIER-TF060303-0N4 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N5 FRONTIER-TF060303-0N5 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N6 FRONTIER-TF060303-0N6 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
More results

Similar Description - TF060197WP10338AQ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDFZ170229 VISHAY-TDFZ170229 Datasheet
223Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 24-Jan-02
TDZ050170 VISHAY-TDZ050170 Datasheet
273Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 21-Jan-02
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T.045090 VISHAY-T.045090 Datasheet
135Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 14-Sep-15
TDFZ125213 VISHAY-TDFZ125213 Datasheet
86Kb / 4P
   RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 07-Sep-15
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com