Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1800 Datasheet(PDF) 9 Page - Winbond

Part # ISD1800
Description  SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1800 Datasheet(HTML) 9 Page - Winbond

Back Button ISD1800 Datasheet HTML 5Page - Winbond ISD1800 Datasheet HTML 6Page - Winbond ISD1800 Datasheet HTML 7Page - Winbond ISD1800 Datasheet HTML 8Page - Winbond ISD1800 Datasheet HTML 9Page - Winbond ISD1800 Datasheet HTML 10Page - Winbond ISD1800 Datasheet HTML 11Page - Winbond ISD1800 Datasheet HTML 12Page - Winbond ISD1800 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
I1800 SERIES
7. FUNCTIONAL DESCRIPTION
7.1. DETAILED DESCRIPTION
Speech/Sound Quality
Winbond’s patented ChipCorder® technology provides natural record and playback. The input voice
signals are stored directly in nonvolatile cells and are reproduced without the synthetic effect often
heard with digital solid-state speech solutions. A complete sample is stored in a single cell, minimizing
the memory necessary to store a single message.
Duration
The I1800 devices offer single-chip solutions with 6 to 16 seconds of record/playback duration
capacity. Sampling rate and duration are determined by an external resistor connected to the ROSC
pin. These specifications apply with the required resistor value for playback duration.
Sample Rate
Duration
8 KHz
6.4 KHz
5.3 KHz
4 HKz
I1806
6 secs
7.5 secs
9 secs
12 secs
I1810
8 secs
10 secs
12 secs
16 secs
ROSC
80 KΩ
100 KΩ
120 KΩ
160 KΩ
Non-Volatile Storage
The I1800 product utilizes the on-chip Flash memory providing zero-power message storage. The
message is retained for up to 100 years without power. In addition, the device can be re-recorded
typically over 10,000 times.
Basic Operation
The I1800 ChipCorder® device is controlled by the REC pin, and either of two playback pins, PLAYE
(edge-activated playback), and PLAYL (level-activated playback). The I1800 parts are configured for
design simplicity in a single-message application. Device operation is explained in section 7.2,
“Functional Description Example”.
Automatic Power-Down Mode
At the end of a playback or record cycle, the I1800 device automatically returns to a low-power
standby mode, consuming typically 0.5µA, provided that Play REC, XCLK, and FT pins are LOW (see
DC parameters, section 10). During a playback cycle, the device powers down automatically at the
end of the message. During a record cycle, the device powers down immediately after REC is
released LOW.
Publication Release Date: May 2003
- 9 -
Revision 0.0


Similar Part No. - ISD1800

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results

Similar Description - ISD1800

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD18A04 NUVOTON-ISD18A04 Datasheet
247Kb / 22P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 2 14- TO 8-SECONDS DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com