Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR10D-5020AZ-220D Datasheet(PDF) 4 Page - AIMTEC

Part # AMEPR10D-5020AZ-220D
Description  up to 0.7A | AC-DC LED driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR10D-5020AZ-220D Datasheet(HTML) 4 Page - AIMTEC

  AMEPR10D-5020AZ-220D Datasheet HTML 1Page - AIMTEC AMEPR10D-5020AZ-220D Datasheet HTML 2Page - AIMTEC AMEPR10D-5020AZ-220D Datasheet HTML 3Page - AIMTEC AMEPR10D-5020AZ-220D Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEPR10D-AZ
up to 0.7A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.P
4 of 4
North America only
Temperature Graph
Triac Dimming Feature
AC
Earth 
Ground
Line (Brown)
Neutral (Blue)
Triac Device
Aimtec
LED Driver
Red (+)
Black (-)
LED Lighting 
Application
Triac Dimming Notes:
A- The triac device can be installed on either Line or Neutral
B- Aimtec LED drivers have been designed to function with a wide 
range of available Triac devices, however the following list of Triac 
devices have been tested.
1) Company: LUTRON
Series: SKYLARK
Model: SF-10P-WH (input voltage: 120Vac)
Model: SF-12P-277-WH (input voltage 277Vac)
2) Company LUTRON
Series: DIVA
Model: DVF-103P-WH (input voltage: 120Vac)
Model: DVF-103P-277-WH (input voltage: 277Vac)
3) Company BERKER
Model: 2867 10 (input voltage:230Vac)
If the power voltage range is 90~135Vac, triac suggested use model 
SF-10P-WH or DVF-103P-WH.
If the power voltage range is 180~260Vac, triac suggested use 
model SF-12P-277-WH or DVF-103P-277-WH.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.5..Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 5. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.


Similar Part No. - AMEPR10D-5020AZ-220D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR10D-5020AZ AIMTEC-AMEPR10D-5020AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR10D-5020AZ AIMTEC-AMEPR10D-5020AZ Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
More results

Similar Description - AMEPR10D-5020AZ-220D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ_16 Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR8D-AZ AIMTEC-AMEPR8D-AZ_16 Datasheet
254Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com