Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC24CPFBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC24CPFBR
Description  Layout and Grounding Guidelines for TLV320AIC2x
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC24CPFBR Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC24CPFBR Datasheet HTML 1Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 2Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 3Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 4Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 5Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 6Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 7Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 8Page - Texas Instruments TLV320AIC24CPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
www.ti.com
Electrical Characteristics
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
All specifications are common across the AIC20, AIC21, AIC24, AIC25, AIC20K, and AIC24K except where
explicitly stated.
AIC20/21/24/25: Over Recommended Operating Free-Air Temperature Range, AVDD = 3.3 V, DVDD = 1.8 V,
IOVDD = 3.3 V (Unless Otherwise Noted)
AIC20K/24K: Over Recommended Operating Free-Air Temperature Range, AVDD = 3.3 V, DVDD = 1.8 V,
IOVDD = 3.3 V (Unless Otherwise Noted)
over Operating Free-Air Temperature Range (Unless Otherwise Noted)
TLV320AIC2x
VCC
Supply voltage range:
DVDD(2)
-0.3 V to 2.25 V
AVDD, IOVDD, DRVDD(2)
-0.3 V to 4 V
VO
Output voltage range, all digital output signals
-0.3 V to IOVDD + 0.3 V
VI
Input voltage range, all digital input signals
-0.3 V to IOVDD + 0.3 V
TA
Operating free-air temperature range
-40°C to 85°C
Tstg
Storage temperature range
-65°C to 150°C
Case temperature for 10 seconds: package
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
MIN
NOM
MAX
UNIT
Analog, AVDD
2.7
3.3
3.6
V
Analog output driver, DRVDD(1)
2.7
3.3
3.6
V
VCC
Supply voltage
Digital core, DVDD
1.65
1.8
1.95
V
Digital I/O, IOVDD
1.1
3.3
3.6
V
Analog single-ended peak-to-peak input voltage, VI(analog)
2
V
Between LINEO+ and LINEO- (differential)
600
Between HDSO+ and HDSO- (differential)
150
RL
Output load resistance,
Between HNSO+ and HDSO- (differential)
150
Between SPKO+ and SPKO- (differential)
8
CL
Analog output load capacitance
20
pF
Digital output capacitance
20
pF
Master clock
100
MHz
ADC or DAC conversion rate
26
kHz
TA
Operating free-air temperature,
-40
85
°C
(1)
DRVDD should be kept at the same voltage as AVDD.
5


Similar Part No. - TLV320AIC24CPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24CPFBR TI-TLV320AIC24CPFBR Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC24CPFBRG4 TI-TLV320AIC24CPFBRG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC24CPFBR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com