Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRL18SG-P2332 Datasheet(PDF) 6 Page - SICK AG

Part # GRL18SG-P2332
Description  PHOTOELECTRIC SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

GRL18SG-P2332 Datasheet(HTML) 6 Page - SICK AG

  GRL18SG-P2332 Datasheet HTML 1Page - SICK AG GRL18SG-P2332 Datasheet HTML 2Page - SICK AG GRL18SG-P2332 Datasheet HTML 3Page - SICK AG GRL18SG-P2332 Datasheet HTML 4Page - SICK AG GRL18SG-P2332 Datasheet HTML 5Page - SICK AG GRL18SG-P2332 Datasheet HTML 6Page - SICK AG GRL18SG-P2332 Datasheet HTML 7Page - SICK AG GRL18SG-P2332 Datasheet HTML 8Page - SICK AG GRL18SG-P2332 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRL18SG-P2332 | GR18S
PHOTOELECTRIC SENSORS
Sensing range diagram
GRL18S
1
(3.28)
2
(6.56)
3
(9.84)
4
(13.12)
5
(16.40)
6
(19.69)
7
(22.97)
8
(26.25)
Distance in m (feet)
0
Sensing range
Sensing range max.
0.03/0.06
6.0
7.2
0.03/0.06
2.9
3.8
0.03/0.06
6.4
5.4
0.06/0.08
6
5
4
3
2
1
0.03/0.06
1.9/2.2
1.6/2.0
0.03/0.06
5.2
6.2
①  Reflector PL80A
②  Reflector PL40A
③  Reflector PL20A
④  Reflector P250
⑤  Reflector PL22
⑥  Reflective tape REF-Plus 3436
Dimensional drawing (Dimensions in mm (inch))
GR18S, metal, connector, straight, adjustable
1 x M18
2
5
4
1
6
1 x M12
3
①  Connector M12, 3-pin
②  Threaded mounting hole M18 x 1
③  LED indicator yellow
④  LED indicator green
⑤  Sensitivity control: potentiometer 270°
⑥  Fastening nuts (2x); width across 24, metal
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Similar Part No. - GRL18SG-P2332

ManufacturerPart #DatasheetDescription
logo
SICK AG
GRL18SG-P233Z SICK-GRL18SG-P233Z Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - GRL18SG-P2332

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com