Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC24CPFBG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC24CPFBG4
Description  Layout and Grounding Guidelines for TLV320AIC2x
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC24CPFBG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC24CPFBG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 10Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 11Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
www.ti.com
DAC DYNAMIC PERFORMANCE
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
AIC20/21/24/25
AIC20k/24k
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Line Output (LINEO-, LINEO+)
The test is measured at output of the application schematic low-pass filter. The test is conducted in
Using FIR Filter
16-bit mode.
VI = 0 dB
88
92
80
92
SNR
Signal-to-noise ratio
VI = -9 dB
81
83
83
VI = 0 dB
84
90
70
90
THD
Total Harmonic Distortion
dB
VI = -9 dB
77
84
84
VI = 0 dB
82
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
76
80
80
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Line Output (LINEO-, LINEO+)
The test is measured at output of the application schematic low-pass filter. The test is conducted in
Using IIR Filter
16-bit mode.
VI = 0 dB
83
83
SNR
Signal-to-noise ratio
VI = -9 dB
74
74
VI = 0 dB
85
85
THD
Total Harmonic Distortion
dB
VI = -9 dB
80
80
VI = 0 dB
80
80
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
73
73
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Headphone Output (HDSO-,
The test is measured at output of the application schematic low-pass filter. The test is conducted in
HDSO+), (HNSO-, HNSO+)(1)
16-bit mode.
VI = 0 dB
92
92
SNR
Signal-to-noise ratio
VI = -9 dB
83
83
VI = 0 dB
90
90
THD
Total Harmonic Distortion
dB
VI = -9 dB
89
89
VI = 0 dB
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
82
82
The test condition is the digital equivalent of a 1020-Hz input signal with an 8-kHz conversion rate.
DAC Speaker Output (SPKO-,
The test is measured at output of the application schematic low-pass filter. The test is conducted in
SPKO+)(1)(2)
16-bit mode.
VI = 0 dB
91
91
SNR
Signal-to-noise ratio
VI = -9 dB
83
83
VI = 0 dB
91
91
THD
Total Harmonic Distortion
dB
VI = -9 dB
91
91
VI = 0 dB
88
88
Signal-to-total Harmonic
THD+N
Distortion + noise
VI = -9 dB
82
82
(1)
The conversion rate is 8 kHz.
(2)
The speaker driver is valid only for the AIC20/21/20K.
8


Similar Part No. - TLV320AIC24CPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24CPFBG4 TI-TLV320AIC24CPFBG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC24CPFBG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com