Electronic Components Datasheet Search |
|
TLV320AIC25IPFBRG4 Datasheet(PDF) 10 Page - Texas Instruments |
|
TLV320AIC25IPFBRG4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 53 page www.ti.com POWER-CONSUMPTION LCD DAC Typical ADC performance With PGA Gain Setting Using FIR (1) TLV320AIC20, TLV320AIC21 TLV320AIC24, TLV320AIC25 TLV320AIC20K, TLV320AIC24K SLAS363D – MARCH 2002 – REVISED APRIL 2005 AIC20/21/24/25/20k/24k PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ADC (single channel) 5.7 DAC (single channel) Without drivers 3.5 Speaker driver (1) No signal 9.3 Handset driver No signal 2 Headset driver No signal 2 Lineout driver No signal 2 mW Reference 2.3 Digital PLL off 3.4 Analog 4.6 PLL Digital 1.8 Total Analog with all sections on No signal, PLL off 35.8 POWER DOWN CURRENT Hardware power-down (no clock) 1 Analog, PLL off 2 µA Software power-down Digital 650 (1) The speaker driver is valid only for the AIC20/21/20k. AIC20/21/20k PARAMETER MIN TYP MAX UNIT VO Output range 0.35 2.35 V Sampling rate 104 kHz INL ±0.5 LSB DNL ±0.25 LSB VS Offset voltage ±25 mV EG Gain error ±0.02 dB PGA GAIN SETTING SNR THD SINAD UNIT 9 dB 83 90 81 18 dB 83 97 83 dB 24 dB 78 95 77 36 dB 72 95 72 (1) Test condition is a 1020-Hz input differential signal with an 8-kHz conversion rate. Input amplitude is given such that output of PGA is at -3 dB level. 10 |
Similar Part No. - TLV320AIC25IPFBRG4 |
|
Similar Description - TLV320AIC25IPFBRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |