Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1G08U0B Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9K1G08U0B
Description  128M x 8 Bit NAND Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1G08U0B Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9K1G08U0B Datasheet HTML 7Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 8Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 9Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 10Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 11Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 12Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 13Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 14Page - Samsung semiconductor K9K1G08U0B Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
FLASH MEMORY
11
K9K1G08U0B
K9K1G08R0B
Advance
K9K1G08B0B
Program / Erase Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG(1)
-
200
500
µs
Dummy Busy Time for Multi Plane Program
tDBSY
110
µs
Number of Partial Program Cycles
in the Same Page
Main Array
Nop
--
1
cycle
Spare Array
-
-
2
cycles
Block Erase Time
tBERS
-2
3
ms
Capacitance(TA=25°C, VCC=1.8V/2.7V/3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
20
pF
Input Capacitance
CIN
VIN=0V
-
20
pF
AC TEST CONDITION
(K9K1G08X0B-XCB0 :TA=0 to 70
°C, K9K1G08X0B-XIB0 :TA=-40 to 85°C
K9K1G08R0B : Vcc=1.65V~1.95V , K9K1G08B0B : Vcc=2.5V~2.9V, K9K1G08U0B : Vcc=2.7V~3.6V unless otherwise noted)
Parameter
K9K1G08R0B
K9K1G08B0B
K9K1G08U0B
Input Pulse Levels
0V to VccQ
0V to VccQ
0.4V to 2.4V
Input Rise and Fall Times
5ns
5ns
5ns
Input and Output Timing Levels
VccQ/2
VccQ/2
1.5V
K9K1G08R0B:Output Load (VccQ:1.8V +/-10%)
K9K1G08B0C:Output Load (VccQ:2.7V +/-10%)
K9K1G08U0B:Output Load (VccQ:3.0V +/-10%)
1 TTL GATE and CL=30pF 1 TTL GATE and CL=30pF 1 TTL GATE and CL=50pF
K9K1G08U0B:Output Load (VccQ:3.3V +/-10%)
-
-
1 TTL GATE and CL=100pF
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP should be biased to CMOS high or CMOS low for standby.
CLE
ALE
CE
WE
RE
WP
Mode
HL
L
H
X
Read Mode
Command Input
L
H
L
H
X
Address Input(4clock)
HL
L
H
H
Write Mode
Command Input
L
H
L
H
H
Address Input(4clock)
L
L
L
H
H
Data Input
L
L
L
H
X
Data Output
X
X
X
X
H
X
During Read(Busy) on the devices
X
X
X
X
X
H
During Program(Busy)
X
X
X
X
X
H
During Erase(Busy)
X
X(1)
X
X
X
L
Write Protect
XX
H
X
X
0V/VCC(2) Stand-by
NOTE : 1.Typical program time is defined as the time within which more than 50% of the whole pages are programmed at Vcc of 3.3V and 25’C


Similar Part No. - K9K1G08U0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YIB0 SAMSUNG-K9K1G08U0M-YIB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1G08U0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com