Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K4G08U1M Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9K4G08U1M
Description  256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K4G08U1M Datasheet(HTML) 1 Page - Samsung semiconductor

  K9K4G08U1M Datasheet HTML 1Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 2Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 3Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 4Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 5Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 6Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 7Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 8Page - Samsung semiconductor K9K4G08U1M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
FLASH MEMORY
1
Preliminary
K9F2G08U0M K9F2G16U0M
K9K4G08U1M
Document Title
256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near your office.
Revision No
0.0
0.1
0.2
0.3
0.4
Remark
Advance
Preliminary
Preliminary
Preliminary
Preliminary
History
1. Initial issue
1. Add the Rp vs tr ,tf & Rp vs Ibusy graph for 1.8V device (Page 34)
2. Add the data protection Vcc guidence for 1.8V device - below about
1.1V. (Page 35)
The min. Vcc value 1.8V devices is changed.
K9F2GXXQ0M : Vcc 1.65V~1.95V --> 1.70V~1.95V
Few current value is changed.
Before
Unit : us
After
1. The 3rd Byte ID after 90h ID read command is don’t cared.
The 5th Byte ID after 90h ID read command is deleted.
2. Note is added.
(VIL can undershoot to -0.4V and VIH can overshoot to VCC +0.4V for
durations of 20 ns or less.)
3. Pb-free Package is added.
K9F2G08Q0M-PCB0,PIB0
K9F2G08U0M-PCB0,PIB0
K9F2G16U0M-PCB0,PIB0
K9F2G16Q0M-PCB0,PIB0
K9F2GXXQ0M
K9F2GXXU0M
Typ.
Max.
Typ.
Max.
ISB2
20
100
20
100
ILI
-
±20
-
±20
ILO
-
±20
-
±20
K9F2GXXQ0M
K9F2GXXU0M
Typ.
Max.
Typ.
Max.
ISB210
50
10
50
ILI
-
±10
-
±10
ILO
-
±10
-
±10
Draft Date
Sep. 19.2001
Nov. 22. 2002
Mar. 6.2003
Apr. 2. 2003
Apr. 9. 2003


Similar Part No. - K9K4G08U1M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K9K4G08U STMICROELECTRONICS-K9K4G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9K4G08U0M SAMSUNG-K9K4G08U0M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K4G08U1M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com