Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFC789D25CD Datasheet(PDF) 2 Page - Texas Instruments

Part # LFC789D25CD
Description  DUAL LINEAR FET CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25CD Datasheet(HTML) 2 Page - Texas Instruments

  LFC789D25CD Datasheet HTML 1Page - Texas Instruments LFC789D25CD Datasheet HTML 2Page - Texas Instruments LFC789D25CD Datasheet HTML 3Page - Texas Instruments LFC789D25CD Datasheet HTML 4Page - Texas Instruments LFC789D25CD Datasheet HTML 5Page - Texas Instruments LFC789D25CD Datasheet HTML 6Page - Texas Instruments LFC789D25CD Datasheet HTML 7Page - Texas Instruments LFC789D25CD Datasheet HTML 8Page - Texas Instruments LFC789D25CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
_
+
_
+
DRV_V25
SEN_V25
VCC
NC
5
6
7
8
Bandgap
Reference
GND
VREF
SEN_VADJ
DRV_VADJ
4
3
2
1
4 k
3.6 k
PIN DESCRIPTION
PIN
PIN NAME
PIN FUNCTION
1
DRV_VADJ
Output of adjustable controller. Drives gate(s) of FET(s) to output user-programmable voltage (VADJ).
2
SEN_VADJ
Sense input of adjustable controller. Senses changes in VADJ.
3
VREF
Input pin used to program VADJ, allowing VADJ to track changes in VREF
4
GND
Ground
5
NC
No connection
6
SEN_V25
Sense Input of 2.5-V controller. Senses changes in 2.5-V supply.
7
DRV_V25
Output of 2.5-V controller. Drives gate(s) of FET(s) to output fixed 2.5 V.
8
VCC
Power supply for device


Similar Part No. - LFC789D25CD

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LFC TOKO-LFC Datasheet
173Kb / 2P
   AM CERAMIC FILTERS
logo
Visual Communications C...
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC025CTP VCC-LFC025CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC035CTP VCC-LFC035CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC037CTP VCC-LFC037CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results

Similar Description - LFC789D25CD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
   Ultra Low Output Voltage Dual Linear FET Controller
SC1538 SEMTECH-SC1538 Datasheet
65Kb / 4P
   DUAL LINEAR CONTROLLER
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
   Linear FET Controller For DDR Supplies
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com