Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFC789D25CD Datasheet(PDF) 3 Page - Texas Instruments

Part # LFC789D25CD
Description  DUAL LINEAR FET CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25CD Datasheet(HTML) 3 Page - Texas Instruments

  LFC789D25CD Datasheet HTML 1Page - Texas Instruments LFC789D25CD Datasheet HTML 2Page - Texas Instruments LFC789D25CD Datasheet HTML 3Page - Texas Instruments LFC789D25CD Datasheet HTML 4Page - Texas Instruments LFC789D25CD Datasheet HTML 5Page - Texas Instruments LFC789D25CD Datasheet HTML 6Page - Texas Instruments LFC789D25CD Datasheet HTML 7Page - Texas Instruments LFC789D25CD Datasheet HTML 8Page - Texas Instruments LFC789D25CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRV_VADJ
SEN_VADJ
VREF
GND
VCC
DRV_V25
SEN_V25
8
7
6
VPWR (3.3V)
4
3
2
1
R1†
R2†
1.25 V
2.5 V
LFC789D25
C3
22
µF
C1
100
µF
VCC (12V)
C5
0.1
µF
C2
100
µF
† R1 = R2 = 100 Ω (0.1% matched resistors)
VREF
VDDQ
C4
0.1
µF
Figure 1. Typical Application Circuit for DDR1 − Memory Voltage (VDDQ) and VREF Buffer for DIMMs
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VREF, SEN_VADJ, SEN_V25
−0.3 V to 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
9
16
V
TA
Operating free-air temperature
0
70
°C


Similar Part No. - LFC789D25CD

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LFC TOKO-LFC Datasheet
173Kb / 2P
   AM CERAMIC FILTERS
logo
Visual Communications C...
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC025CTP VCC-LFC025CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC035CTP VCC-LFC035CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC037CTP VCC-LFC037CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results

Similar Description - LFC789D25CD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
   Ultra Low Output Voltage Dual Linear FET Controller
SC1538 SEMTECH-SC1538 Datasheet
65Kb / 4P
   DUAL LINEAR CONTROLLER
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
   Linear FET Controller For DDR Supplies
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com