Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM140AK-12 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM140AK-12
Description  VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM140AK-12 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM140AK-12 Datasheet HTML 1Page - National Semiconductor (TI) LM140AK-12 Datasheet HTML 2Page - National Semiconductor (TI) LM140AK-12 Datasheet HTML 3Page - National Semiconductor (TI) LM140AK-12 Datasheet HTML 4Page - National Semiconductor (TI) LM140AK-12 Datasheet HTML 5Page - National Semiconductor (TI) LM140AK-12 Datasheet HTML 6Page - National Semiconductor (TI) LM140AK-12 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MICROCIRCUIT DATA SHEET
MJLM140-05-K REV 0B0
Features
- Complete specifications at 1A load
- Internal thermal overload protection
- Internal short-circuit current limit
- Output transistor safe area protection
2


Similar Part No. - LM140AK-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM140AK-15 TI1-LM140AK-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM140AK-15/NOPB TI1-LM140AK-15/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
More results

Similar Description - LM140AK-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
   VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
MJLM120-5-H NSC-MJLM120-5-H Datasheet
15Kb / 4P
   VOLTAGE REGULATOR -5 VOLTS AT .5A
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
Micropac Industries
42141 MICROPAC-42141 Datasheet
93Kb / 2P
   POSITIVE REGULATOR 5 VOLTS
logo
KODENSHI_AUK CORP.
S52D00D KODENSHI-S52D00D Datasheet
471Kb / 10P
   Low Dropout Voltage Regulator (1.0A Series)
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
   Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
   3-Terminal 1.0A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
S78D18Q KODENSHI-S78D18Q Datasheet
518Kb / 11P
   Low Dropout Voltage Regulator (1.0A Series)
logo
IK Semicon Co., Ltd
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com