Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1017880 Datasheet(PDF) 3 Page - SICK AG

Part # 1017880
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1017880 Datasheet(HTML) 3 Page - SICK AG

  1017880 Datasheet HTML 1Page - SICK AG 1017880 Datasheet HTML 2Page - SICK AG 1017880 Datasheet HTML 3Page - SICK AG 1017880 Datasheet HTML 4Page - SICK AG 1017880 Datasheet HTML 5Page - SICK AG 1017880 Datasheet HTML 6Page - SICK AG 1017880 Datasheet HTML 7Page - SICK AG 1017880 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WL24-2V230 | W24-2
PHOTOELECTRIC SENSORS
Power consumption
≤ 50 mA 3)
Output type
NPN
PNP
Switching mode
Light/dark switching
Switching mode selector
Selectable via PNP/NPN selector, selectable via light/dark selector
Output current Imax.
≤ 100 mA
Response time
≤ 500 µs 4)
Switching frequency
1,000 Hz 5)
Connection type
Terminal connection with M16 gland
Circuit protection
6)
7)
8)
Protection class
II 9)
Weight
330 g
Polarisation filter
Housing material
Metal, Zinc diecast
Optics material
Plastic, PMMA
Enclosure rating
IP67
Test input sender off
TE to 0 V
Ambient operating temperature
–40 °C ... +60 °C
Ambient storage temperature
–40 °C ... +75 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
9) Reference voltage: 50 V DC.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
ETIM 5.0
EC002717
ETIM 6.0
EC002717
UNSPSC 16.0901
39121528
2017-11-09 11:23:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - 1017880

ManufacturerPart #DatasheetDescription
logo
SICK AG
1017881 SICK-1017881 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
1017882 SICK-1017882 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
1017883 SICK-1017883 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
1017884 SICK-1017884 Datasheet
2Mb / 7P
   PHOTOELECTRIC SENSORS
1017885 SICK-1017885 Datasheet
2Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1017880

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com