Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1017813 Datasheet(PDF) 4 Page - SICK AG

Part # 1017813
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1017813 Datasheet(HTML) 4 Page - SICK AG

  1017813 Datasheet HTML 1Page - SICK AG 1017813 Datasheet HTML 2Page - SICK AG 1017813 Datasheet HTML 3Page - SICK AG 1017813 Datasheet HTML 4Page - SICK AG 1017813 Datasheet HTML 5Page - SICK AG 1017813 Datasheet HTML 6Page - SICK AG 1017813 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WT24-2B240 | W24-2
PHOTOELECTRIC SENSORS
Connection diagram
Cd-120
+ (L+)
- (M)
1
2
3
Q/Q
4
Test
5
Characteristic curve
WT24-2, red light
10
8
6
4
2
0
6%/90%
18%/90%
90%/90%
mm
(inch)
200
(7.87)
400
(15.75)
600
(23.62)
800
(61.50)
1000
(39.37)
1200
(47.24)
1400
(55.12)
Distance in mm (inch)
1
2
3
①  Sensing range on black, 6% remission
②  Sensing range on gray, 18 % remission
③  Sensing range on white, 90% remission
Sensing range diagram
WT24-2, red light
50
600
50
900
50
1,200
0
200
(7.87)
400
(15.75)
600
(23.62)
800
(31.5)
1,000
(39.4)
1,200
(47.24)
1
2
3
Distance in mm (inch)
Sensing range
①  Sensing range on black, 6% remission
②  Sensing range on gray, 18 % remission
③  Sensing range on white, 90% remission
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 11:23:44
Subject to change without notice


Similar Part No. - 1017813

ManufacturerPart #DatasheetDescription
logo
SICK AG
1017810 SICK-1017810 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - 1017813

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com