Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2940S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM2940S
Description  1.25A High Current Low Dropout
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2940S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM2940S Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2940S Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2940S Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2940S Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2940S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2940/41
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 5 Seconds).................................260°C
Input Voltage ........................................................26V
Storage Temperature Range.............................. -65° to +150°C
Maximum Output Current....................................3.5A
Operating Junction Temperature Range
Input Supply Voltage (Note1) (Survival)-20V to +60V
LM2940/2941 Control Section.................. -45°C +125°C
LM2940/2941 Power Transistor.................-45°C +150°C
ELECTRICAL CHARACTERISTICS (NOTE 1) at I
OUT = 5mA, V IN =V OUT + 1V, I l = 1000mA, C L = 10µF. Ta=25°C, unless otherwise
specified. The LM2941 is programmed to output 5V and has V SHUTDOWN ≤ 0.6V
PARAMETER
CONDITIONS
Typ
LM2940
Min
Max
Units
2.5V Version
Output Voltage (Note 2)
IOUT = 5mA
5mA
≤IOUT≤1.25A, 4.75V≤VIN ≤26V
2.5
2.5
2.475
2.450
2.525
2.550
V
3.3V Version2.
Output Voltage (Note 2)
IOUT = 5mA
5mA
≤IOUT≤1.25A, 4.75V≤VIN ≤26V
3.3
3.3
3.267
3.234
3.330
3.366
V
5.0V Version
Output Voltage (Note 2)
IOUT = 5mA
5mA
≤IOUT≤1.25A, 5.5V≤VIN ≤26V
5.0
5.0
4.95
4.90
5.05
5.10
V
Output Voltage
Accuracy
5mA
≤IOUT≤1.0 A
-1
-2
-2.5
1
2
2.5
%
All Voltage Options
Line Regulation
IO = 5mA, (VOUT + 1V) ≤ VIN≤ 26V
0.06
0.5
%
Load Regulation
VIN = VOUT + 5V, 5mA ≤ IOUT≤ 1 A
(Note 2, 6)
0.2
1.6
%
∆V°
20
100
ppm/
°C
∆T
Output Voltage (Note 6)
Temperature Coef.
IO = 5mA
80
150
IO = 1000mA
350
450
Dropout Voltage
IO = 1.25A
400
600
mV
Ground Current
IO = 5mA, VIN = VOUT, +1V
IO = 1000mA, VIN = VOUT, +1V
IO = 1.25A
240
22
35
350
35
70
µA
mA
IGNDDO Ground Pin Current at
Dropout
VIN = 0.5V less than specified VOUT IOUT = 10mA
0.9
mA
Current Limit
VOUT = 0V (Note 4)
1.7
1.5
A
Output Noise Voltage
(10Hz to 100kHz)
IL = 100mA
CL = 10µF
CL = 33µF
400
260
µV RMS
Reference Voltage
1.235
1.223
1.210
1.247
1.260
V
Vmax
Reference Voltage
(Note 8)`
1.204
1.266
V
Adjust Pin
Bias Current
40
80
120
nA
Reference Voltage
Temperature
Coefficient
(Note 7)
20
ppm/
°C
Adjust Pin Bias
Current Temperature
Coefficient
0.1
nA/
°C


Similar Part No. - LM2940S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940S-10 NSC-LM2940S-10 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940S-10 TI1-LM2940S-10 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940S-10 TI1-LM2940S-10 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940S-10/NOPB TI1-LM2940S-10/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940S-10/NOPB TI1-LM2940S-10/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Similar Description - LM2940S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM3940 ETC-LM3940 Datasheet
145Kb / 3P
   1.25A High Current Low Dropout
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
   1.25A Low Dropout Voltage Regulator
09/14/21
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
   1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
logo
TECH PUBLIC Electronics...
MIC29302WU TECHPUBLIC-MIC29302WU Datasheet
3Mb / 8P
   High-Current Low Dropout Reaulator
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com