Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1452-2 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1452-2
Description  Convection Cooled
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1452-2 Datasheet(HTML) 1 Page - API Technologies Corp

  1452-2 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5305 Spectrum Drive, Frederick, MD 21703-7362
s TEL: 301-846-9222, 800-638-2048 s Fax: 301-846-9116
web: www.weinschel
.apitech.com s email: weinschel-sales@apitech.com
104
Revision Date:
08/03/2016
Terminations & Loads
Model 1452
dc to 4.0 GHz
Medium Power, N or SMK Connectors
25 Watts
Convection Cooled
Features
o Optimized for Wireless OEM and Test Applications.
o Designed to meet environmental requirements of
MIL-D-39030.
o Quality Injection Molded Connector.
o 5 Kilowatts Peak Power.
Specifications
NOMINAL IMPEDANCE: 50
Ω
FREQUENCY RANGE:
dc to 4.0 GHz
TEST DATA: Swept data plots of SWR from 50 MHz to
4 GHz is available at additional cost.
CONNECTOR:
Type N or SMK (2.92mm) connectors
mate nondestructively with MIL-C-39012 connector.
Connector Options
Type/Description
1
SMK, Female
2
SMK, Male
3
Type N, Female
4
Type N, Male
CONSTRUCTION: Black, finned aluminum body, stainless
steel connector; gold plated beryllium copper contacts.
WEIGHT: 150 g (5.2 oz)
PHYSICAL DIMENSIONS:
MAXIMUM SWR*:
Frequency (GHz)
SWR
dc - 2
1.10
2 - 4
1.20
POWER RATING: 25 watts average (mounted horizon-
tally assuming unobstructed air flow and natural
convection around unit) @ 25°C ambient temperature,
derated linearly to 2.5 watts @ 125°C. 5 kilowatts peak
(5
μsec pulse width; 0.25% duty cycle).
TEMPERATURE RANGE: -55°C to +125°C
Model #
DIM A
Connector Type
1452-1
12.7 (0.50)
2.92mm female
1452-2
14.0 (0.55)
2.92mm male
1452-3
15.0 (0.59)
N female
1452-4
22.9 (0.90)
N male
RoHS
NOTE: All dimensions are given in mm (inches) and are
maximum, unless otherwise specified.


Similar Part No. - 1452-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1452 POMONA-1452 Datasheet
74Kb / 1P
   Adapter-Binding Posts to BNC Receptacle
logo
Heyco.
14520 HEYCO-14520 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
TE Connectivity Ltd
1452013 TEC-1452013 Datasheet
253Kb / 10P
   Verarbeitungs-Spezifikation
1452014 TEC-1452014 Datasheet
253Kb / 10P
   Verarbeitungs-Spezifikation
logo
PHOENIX CONTACT
1452068 PHOENIX-1452068 Datasheet
137Kb / 10P
   Panel feed-through - SACC-E-M12MS-5CON-M20/0,5 VA
09/11/2020
More results

Similar Description - 1452-2

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com