Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6644 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6644
Description  Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6644_17 Datasheet HTML 7Page - Analog Devices AD6644_17 Datasheet HTML 8Page - Analog Devices AD6644_17 Datasheet HTML 9Page - Analog Devices AD6644_17 Datasheet HTML 10Page - Analog Devices AD6644_17 Datasheet HTML 11Page - Analog Devices AD6644_17 Datasheet HTML 12Page - Analog Devices AD6644_17 Datasheet HTML 13Page - Analog Devices AD6644_17 Datasheet HTML 14Page - Analog Devices AD6644_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD6644
Rev. D | Page 10 of 24
ANALOG FREQUENCY (MHz)
95
75
60
55
85
65
80
100
70
90
WORST OTHER SPUR
HARMONICS (SECOND, THIRD)
0
102030
4050
6070
8090
100
ENCODE = 65MSPS
AIN = –1dBFS
Figure 10. Harmonics vs. Analog Frequency (IF)
ANALOG INPUT POWER LEVEL (dBFS)
100
50
10
0
90
40
70
120
20
30
60
80
110
dBc
dBFS
ENCODE = 65MSPS
AIN = 15.5MHz
SFDR = 90dB
REFERENCE LINE
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 11. Single-Tone SFDR
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
ENCODE = 65MSPS
AIN = 19MHz,
19.5MHz @ –7dBFS
NO DITHER
Figure 12. Two Tones at 19 MHz and 19.5 MHz
FREQUENCY (MHz)
0
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
ENCODE = 65MSPS
AIN = 15MHz,
15.5MHz @ –7dBFS
NO DITHER
Figure 13. Two Tones at 15 MHz and 15.5 MHz
100
50
10
0
90
40
70
20
30
60
80
110
dBFS
dBc
ENCODE = 65MSPS
F1 = 15MHz
F2 = 15.5MHz
SFDR = 90dB
REFERENCE LINE
INPUT POWER LEVEL [(F1 = F2) dBFS]
–77
–67
–57
–47
–37
–27
–17
–7
Figure 14. Two-Tone SFDR
ENCODE FREQUENCY (MHz)
65
60
95
75
85
70
80
90
100
WORST SPUR
SNR
AIN = 2.2MHz @ –1dBFS
0
102030405060708090
Figure 15. SNR, Worst Spurious vs. Encode


Similar Part No. - AD6644_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
More results

Similar Description - AD6644_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com