Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9235 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9235
Description  3V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235 Datasheet(HTML) 5 Page - Analog Devices

  AD9235_17 Datasheet HTML 1Page - Analog Devices AD9235_17 Datasheet HTML 2Page - Analog Devices AD9235_17 Datasheet HTML 3Page - Analog Devices AD9235_17 Datasheet HTML 4Page - Analog Devices AD9235_17 Datasheet HTML 5Page - Analog Devices AD9235_17 Datasheet HTML 6Page - Analog Devices AD9235_17 Datasheet HTML 7Page - Analog Devices AD9235_17 Datasheet HTML 8Page - Analog Devices AD9235_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD9235
Data Sheet
Rev. D | Page 4 of 40
DIGITAL SPECIFICATIONS
Table 2.
Parameter
Temp
Test
Level
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
LOGIC INPUTS
High Level Input Voltage
Full
IV
2.0
2.0
2.0
V
Low Level Input Voltage
Full
IV
0.8
0.8
0.8
V
High Level Input Current
Full
IV
–10
+10
–10
+10
–10
+10
µA
Low Level Input Current
Full
IV
–10
+10
–10
+10
–10
+10
µA
Input Capacitance
Full
V
2
2
2
pF
LOGIC OUTPUTS1
DRVDD = 3.3 V
High-Level Output Voltage
Full
IV
3.29
3.29
3.29
V
(IOH = 50 µA)
High-Level Output Voltage
Full
IV
3.25
3.25
3.25
V
(IOH = 0.5 mA)
Low-Level Output Voltage
Full
IV
0.2
0.2
0.2
V
(IOL = 1.6 mA)
Low-Level Output Voltage
Full
IV
0.05
0.05
0.05
V
(IOL = 50 µA)
DRVDD = 2.5 V
High-Level Output Voltage
Full
IV
2.49
2.49
2.49
V
(IOH = 50 µA)
High-Level Output Voltage
Full
IV
2.45
2.45
2.45
V
(IOH = 0.5 mA)
Low-Level Output Voltage
Full
IV
0.2
0.2
0.2
V
(IOL = 1.6 mA)
Low-Level Output Voltage
Full
IV
0.05
0.05
0.05
V
(IOL = 50 µA)
1
Output voltage levels measured with 5 pF load on each output.
SWITCHING SPECIFICATIONS
Table 3.
Parameter
Temp
Test
Level
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
VI
20
40
65
MSPS
Minimum Conversion Rate
Full
V
1
1
1
MSPS
CLK Period
Full
V
50.0
25.0
15.4
ns
CLK Pulse-Width High1
Full
V
15.0
8.8
6.2
ns
CLK Pulse-Width Low1
Full
V
15.0
8.8
6.2
ns
DATA OUTPUT PARAMETERS
Output Delay2 (tPD)
Full
V
3.5
3.5
3.5
ns
Pipeline Delay (Latency)
Full
V
7
7
7
Cycles
Aperture Delay (tA)
Full
V
1.0
1.0
1.0
ns
Aperture Uncertainty Jitter (tJ)
Full
V
0.5
0.5
0.5
ps rms
Wake-Up Time3
Full
V
3.0
3.0
3.0
ms
OUT-OF-RANGE RECOVERY TIME
Full
V
1
1
2
Cycles
1
For the AD9235-65 model only, with duty cycle stabilizer enabled. DCS function not applicable for -20 and -40 models.
2
Output delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load on each output.
3
Wake-up time is dependent on value of decoupling capacitors; typical values shown with 0.1 µF and 10 µF capacitors on REFT and REFB.


Similar Part No. - AD9235_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9235_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com